Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062ACP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACP Datasheet(HTML) 4 Page - Texas Instruments

  TL062ACP Datasheet HTML 1Page - Texas Instruments TL062ACP Datasheet HTML 2Page - Texas Instruments TL062ACP Datasheet HTML 3Page - Texas Instruments TL062ACP Datasheet HTML 4Page - Texas Instruments TL062ACP Datasheet HTML 5Page - Texas Instruments TL062ACP Datasheet HTML 6Page - Texas Instruments TL062ACP Datasheet HTML 7Page - Texas Instruments TL062ACP Datasheet HTML 8Page - Texas Instruments TL062ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL061Y chip information
This chip, when properly assembled, has characteristics similar to the TL061. Thermal compression or
ultrasonic bonding can be used on the doped-aluminum bonding pads. The chips can be mounted with
conductive epoxy or a gold-silicon preform.
Bonding-Pad Assignments
+
–
OUT
IN+
IN–
VCC+
(7)
(3)
(2)
(6)
(4)
VCC–
(1)
(5)
OFFSET N1
OFFSET N2
Chip Thickness: 15 Mils Typical
Bonding Pads: 4
× 4 Mils Minimum
TJ(max) = 150°C
Tolerances Are
±10%.
All Dimensions Are in Mils.
Pin (4) is Internally Connected
to Backside of Chip.
41
53
(6)
(7)
(8)
(1)
(2)
(3)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com