Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062ACP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL062ACP Datasheet HTML 15Page - Texas Instruments TL062ACP Datasheet HTML 16Page - Texas Instruments TL062ACP Datasheet HTML 17Page - Texas Instruments TL062ACP Datasheet HTML 18Page - Texas Instruments TL062ACP Datasheet HTML 19Page - Texas Instruments TL062ACP Datasheet HTML 20Page - Texas Instruments TL062ACP Datasheet HTML 21Page - Texas Instruments TL062ACP Datasheet HTML 22Page - Texas Instruments TL062ACP Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL061
N2
0.1
µF
10 k
Ω
50
Ω
250 k
Ω
N1
Output
1 M
Ω
VCC+
10 k
Ω
10 k
Ω
0.1
µF
Figure 24. AC Amplifier
1.2 M
Ω
100 k
Ω
20
µF
+
–
0.1
µF
47 k
Ω
TL061
2.7 k
Ω
270
Ω 0.003 µF
0.001
µF
0.002
µF
1
µF
10 k
Ω
100 k
Ω
50 k
Ω
0.06
µF
50 k
Ω
10 k
Ω
100 k
Ω
1 k
Ω
0.06
µF
10 k
Ω
0.02
µF
100 k
Ω
+
Figure 25. Microphone Preamplifier With Tone Control
IN–
IN+
100 k
Ω
TL062
TL062
1 k
Ω
1 k
Ω
100 k
Ω
–
+
–
+
Output
Figure 26. Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com