Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062ACP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL062ACP Datasheet HTML 6Page - Texas Instruments TL062ACP Datasheet HTML 7Page - Texas Instruments TL062ACP Datasheet HTML 8Page - Texas Instruments TL062ACP Datasheet HTML 9Page - Texas Instruments TL062ACP Datasheet HTML 10Page - Texas Instruments TL062ACP Datasheet HTML 11Page - Texas Instruments TL062ACP Datasheet HTML 12Page - Texas Instruments TL062ACP Datasheet HTML 13Page - Texas Instruments TL062ACP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC
± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061M
TL062M
TL064M
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
TA = 25°C
3
6
3
9
mV
VIO
Input offset voltage
O
,
RS =50 Ω
TA = –55°C to 125°C
9
15
mV
αVIO
Temperature coefficient
of input offset voltage
VO = 0, RS =50 Ω,
TA = –55°C to 125°C
10
10
µV/°C
TA = 25°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
TA = –55°C
20*
20*
nA
TA = 125°C
20
20
nA
‡
TA = 25°C
30
200
30
200
pA
IIB
Input bias current‡
VO = 0
TA = –55°C
50*
50*
nA
TA = 125°C
50
50
nA
VICR
Common-mode
input voltage range
TA = 25°C
±11.5
–12
to
15
±11.5
–12
to
15
V
VOM
Maximum peak output
RL = 10 kΩ,
TA = 25°C
±10 ±13.5
±10 ±13.5
V
VOM
voltage swing
RL ≥ 10 kΩ,
TA = –55°C to 125°C
±10
±10
V
AVD
Large-signal differential
VO = ±10 V,
TA = 25°C
4
6
4
6
V/mV
AVD
gg
voltage amplification
O
,
RL ≥ 10 kΩ
TA = –55°C to 125°C
4
4
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ,
TA = 25°C
MHz
ri
Input resistance
TA = 25°C
1012
1012
Ω
CMRR
Common-mode
rejection ratio
VIC= VICRmin, VO = 0,
RS =50 Ω, TA = 25°C
80
86
80
86
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VCC= ±9 V to ±15 V, VO = 0,
RS =50 Ω, TA = 25°C
80
95
80
95
dB
PD
Total power dissipation
(each amplifier)
VO = 0,
No load
TA = 25°C,
6
7.5
6
7.5
mW
ICC
Supply current
(each amplifier)
VO = 0,
No load
TA = 25°C,
200
250
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100,
TA = 25°C
120
120
dB
* This parameter is not production tested.
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain (see Note 5)
VI = 10 V,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
2
3.5
V/
µs
tr
Rise time
VI = 20 V,
RL = 10 kΩ,
0.2
µs
Overshoot factor
I
,
CL = 100 pF,
L
,
See Figure 1
10%
µs
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
42
nV/
√Hz
NOTE 5: Slew rate at –55
°C to 125°C is 0.7 V/µs min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com