Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062ACP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL062ACP Datasheet HTML 3Page - Texas Instruments TL062ACP Datasheet HTML 4Page - Texas Instruments TL062ACP Datasheet HTML 5Page - Texas Instruments TL062ACP Datasheet HTML 6Page - Texas Instruments TL062ACP Datasheet HTML 7Page - Texas Instruments TL062ACP Datasheet HTML 8Page - Texas Instruments TL062ACP Datasheet HTML 9Page - Texas Instruments TL062ACP Datasheet HTML 10Page - Texas Instruments TL062ACP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
TL06_C
TL06_AC
TL06_BC
TL06_I
TL06_M
UNIT
Supply voltage, VCC+ (see Note 1)
18
18
18
V
Supply voltage, VCC– (see Note 1)
–18
–18
–18
V
Differential input voltage, VID (see Note 2)
±30
±30
±30
V
Input voltage, VI (see Notes 1 and 3)
±15
±15
±15
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
–65 to 150
–65 to 150
–65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1 6 mm (1/16 inch) from case for 60 seconds
J, JG, U, or
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
,,
,
W package
300
°C
Lead temperature 1 6 mm (1/6 inch) from case for 10 seconds
D, N, P, or
260
260
°C
Lead temperature 1,6 mm (1/6 inch) from case for 10 seconds
PW package
260
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values except differential voltages are with respect to the midpoint between VCC+ and VCC–.
2. Differential voltages are at IN+ with respect to IN–.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D (8 pin)
680 mW
5.8 mW/
°C
33
°C
465 mW
378 mW
N/A
D (14 pin)
680 mW
7.6 mW/
°C
60
°C
604 mW
490 mW
N/A
FK
680 mW
11.0 mW/
°C
88
°C
680 mW
680 mW
273 mW
J
680 mW
11.0 mW/
°C
88
°C
680 mW
680 mW
273 mW
JG
680 mW
8.4 mW/
°C
69
°C
672 mW
546 mW
210 mW
N
680 mW
9.2 mW/
°C
76
°C
680 mW
597 mW
N/A
P
680 mW
8.0 mW/
°C
65
°C
640 mW
520 mW
N/A
PW (8 pin)
525 mW
4.2 mW/
°C
25
°C
336 mW
N/A
N/A
PW (14 pin)
700 mW
5.6 mW/
°C
25
°C
448 mW
N/A
N/A
U
675 mW
5.4 mW/
°C
25
°C
432 mW
351 mW
135 mW
W
680 mW
8.0 mW/
°C
65
°C
640 mW
520 mW
200 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com