Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052CP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL052CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL052CP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL052CP Datasheet HTML 8Page - Texas Instruments TL052CP Datasheet HTML 9Page - Texas Instruments TL052CP Datasheet HTML 10Page - Texas Instruments TL052CP Datasheet HTML 11Page - Texas Instruments TL052CP Datasheet HTML 12Page - Texas Instruments TL052CP Datasheet HTML 13Page - Texas Instruments TL052CP Datasheet HTML 14Page - Texas Instruments TL052CP Datasheet HTML 15Page - Texas Instruments TL052CP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL051M and TL051AM electrical characteristics at specified free-air temperature
†
TL051M, TL051AM
PARAMETER
TEST CONDITIONS
TA†
VCC
± = ± 5 V
VCC
± = ± 15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
TL051M
25 C
0.75
3.5
0.59
1.5
VIO
Input offset voltage
TL051M
Full range
6.5
4.5
mV
VIO
Input offset voltage
TL051AM
25
°C
0.55
2.8
0.35
0.8
mV
VO =0
TL051AM
Full range
5.8
3.8
αVIO
Temperature coefficient of
VO = 0,
VIC = 0,
RS = 50 Ω
TL051M
25
°C to
125
°C
8
8
µV/°C
αVIO
input offset voltage
RS = 50 Ω
TL051AM
25
°C to
125
°C
8
8
µV/°C
Input offset voltage
long-term drift‡
25
°C
0.04
0.04
µV/mo
IIO
Input offset current
VO = 0,
VIC = 0,
25
°C
4
100
5
100
pA
IIO
Input offset current
OIC
See Figure 5
125
°C
1
20
2
20
nA
IIB
Input bias current
VO = 0, VIC = 0,
25
°C
20
200
30
200
pA
IIB
Input bias current
OIC
See Figure 5
125
°C
10
50
20
50
nA
VICR
Common-mode input
25
°C
–1
to
4
– 2.3
to
5.6
–11
to
11
– 12.3
to
15.6
V
VICR
voltage range
Full range
–1
to
4
–11
to
11
V
RL =10kΩ
25
°C
3
4.2
13
13.9
VOM
Maximum positive peak
RL = 10 kΩ
Full range
3
13
V
VOM + output voltage swing
RL =2kΩ
25
°C
2.5
3.8
11.5
12.7
V
RL = 2 kΩ
Full range
2.5
11.5
RL =10kΩ
25
°C
– 2.5
– 3.5
–12
– 13.2
VOM
Maximum negative peak
RL = 10 kΩ
Full range
– 2.5
–12
V
VOM –
g
output voltage swing
RL =2kΩ
25
°C
– 2.3
– 3.2
–11
–12
V
RL = 2 kΩ
Full range
– 2.3
–11
Large signal differential
25
°C
25
59
50
105
AVD
Large-signal differential
voltage amplification§
RL = 2 kΩ
–55
°C
30
76
60
149
V/mV
voltage am lification§
125
°C
10
32
15
49
ri
Input resistance
25
°C
1012
1012
Ω
ci
Input capacitance
25
°C
10
12
pF
Common mode
VIC = VICRmin,
25
°C
65
85
75
93
CMRR
Common-mode
rejection ratio
VIC VICRmin,
VO = 0,
–55
°C
65
83
75
92
dB
rejection ratio
RS = 50 Ω
125
°C
65
84
75
94
Supply voltage rejection
25
°C
75
99
75
99
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VO = 0,
RS = 50 Ω
–55
°C
75
98
75
98
dB
ratio (
∆VCC±/∆VIO)
125
°C
75
100
75
100
25
°C
2.6
3.2
2.7
3.2
ICC
Supply current
VO = 0,
No load
–55
°C
2.3
3.2
2.4
3.2
mA
CC
y
O
125
°C
2.4
3.2
2.5
3.2
† Full range is – 55
°C to 125°C.
‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
§ For VCC± = ± 5 V, VO = ± 2.3 V, or for VCC± = ±15 V, VO = ±10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com