Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052CP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL052CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL052CP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL052CP Datasheet HTML 11Page - Texas Instruments TL052CP Datasheet HTML 12Page - Texas Instruments TL052CP Datasheet HTML 13Page - Texas Instruments TL052CP Datasheet HTML 14Page - Texas Instruments TL052CP Datasheet HTML 15Page - Texas Instruments TL052CP Datasheet HTML 16Page - Texas Instruments TL052CP Datasheet HTML 17Page - Texas Instruments TL052CP Datasheet HTML 18Page - Texas Instruments TL052CP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL051Y operating characteristics, TA = 25°C
TL051Y
PARAMETER
TEST CONDITIONS
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR +
Positive slew rate at unity gain†
RL = 2 kΩ,CL = 100 pF,
16
20
V/
µs
SR –
Negative slew rate at unity gain†
L
,
L
,
See Figure 1
15
18
V/
µs
tr
Rise time
VI(PP) = ±10 mV,
R2 k
Ω
55
56
ns
tf
Fall time
()
RL = 2 kΩ,
CL = 100 pF,
55
57
ns
Overshoot factor
CL = 100 F,
See Figures 1 and 2
24%
19%
V
Eq i alent inp t noise oltage‡
f = 10 Hz
75
75
nV/
√Hz
Vn
Equivalent input noise voltage‡
RS = 20 Ω,
f = 1 kHz
18
18
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
noise voltage
See Figure 3
f = 10 Hz to
10 kHz
4
4
µV
In
Equivalent input noise current
f = 1 kHz
0.01
0.01
pA/
√Hz
THD
Total harmonic distortion§
RS = 1 kΩ,RL = 2 kΩ,
f = 1 kHz
0.003%
0.003%
B1
Unity-gain bandwidth
VI = 10 mV,
RL = 2 kΩ,
CL = 25 pF,
See Figure 4
3
3.1
MHz
φm
Phase margin at unity gain
VI = 10 mV,
RL = 2 kΩ,
CL = 25 pF,
See Figure 4
59
°
62
°
† For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V.
‡ This parameter is tested on a sample basis for the TL051A. For other test requirements, please contact the factory. This statement has no bearing
on testing or nontesting of other parameters.
§ For VCC± = ±5 V, VOrms = 1 V; for VCC± = ±15 V, VOrms = 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com