Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052CP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL052CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL052CP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL052CP Datasheet HTML 19Page - Texas Instruments TL052CP Datasheet HTML 20Page - Texas Instruments TL052CP Datasheet HTML 21Page - Texas Instruments TL052CP Datasheet HTML 22Page - Texas Instruments TL052CP Datasheet HTML 23Page - Texas Instruments TL052CP Datasheet HTML 24Page - Texas Instruments TL052CP Datasheet HTML 25Page - Texas Instruments TL052CP Datasheet HTML 26Page - Texas Instruments TL052CP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL052Y operating characteristics, TA = 25°C
TL052Y
PARAMETER
TEST CONDITIONS
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR +
Positive slew rate at
unity gain†
RL = 2 kΩ,
CL = 100 pF,
17.8
20.7
V/
µs
SR –
Negative slew rate at
unity gain†
L
,
L
,
See Figure 1
15.4
17.8
V/
µs
tr
Rise time
VI(PP) = ± 10 mV,
55
56
ns
tf
Fall time
VI(PP) = ± 10 mV,
RL = 2 kΩ,
CL = 100 pF,
55
57
ns
Overshoot factor
See Figures 1 and 2
24%
19%
V
Equivalent input noise
f = 10 Hz
71
71
V/
√H
Vn
q
voltage‡
RS = 20 Ω,
f = 1 kHz
19
19
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
noise current
See Figure 3
f = 10 Hz to 10 kHz
4
4
µV
In
Equivalent input noise
current
f = 1 kHz
0.01
0.01
pA/
√Hz
THD
Total harmonic distortion§
RS = 1 kΩ,
f = 1 kHz
RL = 2 kΩ,
0.003%
0.003%
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 25 pF,
RL = 2 kΩ,
See Figure 4
3
3
MHz
φm
Phase margin at unity gain
VI = 10 mV,
CL = 25 pF,
RL = 2 kΩ,
See Figure 4
60
°
63
°
† This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing
or nontesting of other parameters.
‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V.
§ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com