Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052CP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL052CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL052CP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL052CP Datasheet HTML 17Page - Texas Instruments TL052CP Datasheet HTML 18Page - Texas Instruments TL052CP Datasheet HTML 19Page - Texas Instruments TL052CP Datasheet HTML 20Page - Texas Instruments TL052CP Datasheet HTML 21Page - Texas Instruments TL052CP Datasheet HTML 22Page - Texas Instruments TL052CP Datasheet HTML 23Page - Texas Instruments TL052CP Datasheet HTML 24Page - Texas Instruments TL052CP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL052M and TL052AM operating characteristics at specified free-air temperature
TL052M, TL052AM
PARAMETER
TEST CONDITIONS
TA†
VCC
± = ± 5 V
VCC
± = ± 15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
SR +
Positive slew rate
25
°C
17.8
9
20.7
SR +
at unity gain‡
RL = 2 kΩ,
CL 100 pF
Full range
8
V/
µs
SR
Negative slew rate
CL = 100 pF,
See Figure 1
25
°C
15.4
9
17.8
V/
µs
SR –
g
at unity gain‡
See Figure 1
Full range
8
25
°C
55
56
tr
Rise time
–55
°C
51
52
125
°C
68
68
ns
VI(PP) = ± 10 mV,
R2 k
Ω
25
°C
55
57
ns
tf
Fall time
()
RL = 2 kΩ,
CL = 100 pF
–55
°C
51
52
CL = 100 F,
See Figures 1 and 2
125
°C
68
69
g
25
°C
24%
19%
Overshoot factor
–55
°C
25%
19%
125
°C
25%
19%
V
Equivalent input noise
f =
10 Hz
25
°C
71
71
nV/
√Hz
Vn
q
voltage§
RS =20 Ω
f =
1 kHz
25
°C
19
19
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input noise
current
RS = 20 Ω,
See Figure 3
f =
10 Hz
to
10 kHz
25
°C
4
4
µV
In
Equivalent input
noise current
f = 1 kHz
25
°C
0.01
0.01
pA/
√Hz
THD
Total harmonic
distortion¶
RS = 1 kΩ,
f = 1 kHz
RL = 2 kΩ,
25
°C
0.003%
0.003%
V10
V
R2 k
Ω
25
°C
3
3
B1
Unity-gain bandwidth
VI = 10 mV,
CL =25 pF
RL = 2 kΩ,
See Figure 4
–55
°C
3.6
3.7
MHz
CL = 25 F,
See Figure 4
125
°C
2.3
2.4
Ph
itit
V10
V
R2 k
Ω
25
°C
60
°
63
°
φm
Phase margin at unity
gain
VI = 10 mV,
CL =25 pF
RL = 2 kΩ,
See Figure 4
–55
°C
57
°
61
°
gain
CL = 25 F,
See Figure 4
125
°C
60
°
63
°
† Full range is – 55
°C to 125°C.
‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V.
§ This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing
or nontesting of other parameters.
¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com