Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502AMFKB Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC4502AMFKB
Description  FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC4502AMFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC4502AMFKB Datasheet HTML 7Page - Texas Instruments TLC4502AMFKB Datasheet HTML 8Page - Texas Instruments TLC4502AMFKB Datasheet HTML 9Page - Texas Instruments TLC4502AMFKB Datasheet HTML 10Page - Texas Instruments TLC4502AMFKB Datasheet HTML 11Page - Texas Instruments TLC4502AMFKB Datasheet HTML 12Page - Texas Instruments TLC4502AMFKB Datasheet HTML 13Page - Texas Instruments TLC4502AMFKB Datasheet HTML 14Page - Texas Instruments TLC4502AMFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
™)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221A – MAY 1998 – REVISED JULY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10
8
2
0
12
16
DISTRIBUTION OF TLC4502 INPUT
OFFSET VOLTAGE
18
14
6
4
VIO – Input Offset Voltage – µV
339 Amplifier From 2 Wafer Lot
VDD = ± 2.5 V
TA = 40°C
Figure 2
6
4
2
0
10
12
14
486 Amplifier From 8 Wafer Lot
VDD = ± 2.5 V
TA = 25°C
VIO – Input Offset Voltage – µV
DISTRIBUTION OF TLC4502 INPUT
OFFSET VOLTAGE
8
Figure 3
8
6
2
0
10
12
DISTRIBUTION OF TLC4502 INPUT
OFFSET VOLTAGE
16
14
4
VIO – Input Offset Voltage – µV
296 Amplifier From 2 Wafer Lot
VDD = ± 2.5 V
TA = 85°C
Figure 4
Figure 5
0
–50
–150
–200
–3
–2
–1
0
50
150
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
200
123
100
–100
VIC – Common-Mode Input Voltage – v
VDD = ± 2.5 V
RS = 50 Ω
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com