Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502AMFKB Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC4502AMFKB
Description  FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC4502AMFKB Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC4502AMFKB Datasheet HTML 19Page - Texas Instruments TLC4502AMFKB Datasheet HTML 20Page - Texas Instruments TLC4502AMFKB Datasheet HTML 21Page - Texas Instruments TLC4502AMFKB Datasheet HTML 22Page - Texas Instruments TLC4502AMFKB Datasheet HTML 23Page - Texas Instruments TLC4502AMFKB Datasheet HTML 24Page - Texas Instruments TLC4502AMFKB Datasheet HTML 25Page - Texas Instruments TLC4502AMFKB Datasheet HTML 26Page - Texas Instruments TLC4502AMFKB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
™)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221A – MAY 1998 – REVISED JULY 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1/2
TLC4502
+
–
R1
90 k
Ω
R2
9 k
Ω
R3
1 k
Ω
R4
1 k
Ω
R5
9 k
Ω
R6
90 k
Ω
1/2
TLC4502
+
–
VDD
8
0.1 pF
VO+
VO–
RP
1 k
Ω
VDD
RP
1 k
Ω
VI2
VI1
Gain = 10
Gain = 10
Gain = 100
Gain = 100
V(REF)+
V(REF)–
2
35
6
4
7
1
(Gain
+ 10) V
O +
V
I1 *
V
I2
1
)
R6
R4
) R5 )
V
(REF) Where R1
+ R6, R2 + R5, and R3 + R4
(Gain
+ 100) V
O +
V
I1 *
V
I2
1
) R5 ) R6
R4
) V
(REF) Where R1
+ R6, R2 + R5, and R3 + R4
Figure 36. Single-Supply Programmable Instrumentation Amplifier Circuit
1/2
TLC4502
–
+
R1
1/2
TLC4502
–
+
VO
RP1 < 1 kΩ
VI
V(REF)
3
2
6
5
4
7
1
V
O +
V
I
1
) R4
R3
) 2R4
R
G
) V
(REF)
RP2 < 1 kΩ
R3
R2
RG
R4
Where : R1
+ R4 and R2 + R3
Figure 37. Two Operational-Amplifier Instrumentation Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com