Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502AMFKB Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC4502AMFKB
Description  FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC4502AMFKB Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC4502AMFKB Datasheet HTML 17Page - Texas Instruments TLC4502AMFKB Datasheet HTML 18Page - Texas Instruments TLC4502AMFKB Datasheet HTML 19Page - Texas Instruments TLC4502AMFKB Datasheet HTML 20Page - Texas Instruments TLC4502AMFKB Datasheet HTML 21Page - Texas Instruments TLC4502AMFKB Datasheet HTML 22Page - Texas Instruments TLC4502AMFKB Datasheet HTML 23Page - Texas Instruments TLC4502AMFKB Datasheet HTML 24Page - Texas Instruments TLC4502AMFKB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
™)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221A – MAY 1998 – REVISED JULY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POWER-ON RESET
S
R
Q
Q
ENABLE
RC
OSCILLATOR
COUNTER
RCO
CLOCK
CAL
RESET
SAR
RCO
DAC
LPF
VDD
CORE
AMPLIFIER
+
–
Figure 35. Block Diagram During Calibration Mode
The class AB output stage features rail-to-rail voltage swing and incorporates additional switches to put the
output node into a high-impedance mode during the calibration cycle. Small-replica output transistors (matched
to the main output transistors) provide the amplifier output signal for the calibration circuit. The TLC4502 also
features built-in output short-circuit protection. The output current flowing through the main output transistors
is continuously being sensed. If the current through either of these transistors exceeds the preset limit (60 mA
– 70 mA) for more than about 1
µs, the output transistors are shut down to approximately their quiescent
operating point for approximately 5 ms. The device is then returned to normal operation. If the short circuit is
still in place, it is detected in less than 1
µs and the device is shut down for another 5 ms.
The offset cancellation uses a current-mode digital-to-analog converter (DAC), whose full-scale current allows
for an adjustment of approximately
±5 mV to the input offset voltage. The digital code producing the cancellation
current is stored in the successive-approximation register (SAR).
During power up, when the offset cancellation procedure is initiated, an on-chip RC oscillator is activated to
provide the timing of the successive-approximation algorithm. To prevent wide-band noise from interfering with
the calibration procedure, an analog low-pass filter followed by a Schmidt trigger is used in the decision chain
to implement an averaging process. Once the calibration procedure is complete, the RC oscillator is deactivated
to reduce supply current and the associated noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com