Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071CD Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071CD Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLE2071CD Datasheet HTML 43Page - Texas Instruments TLE2071CD Datasheet HTML 44Page - Texas Instruments TLE2071CD Datasheet HTML 45Page - Texas Instruments TLE2071CD Datasheet HTML 46Page - Texas Instruments TLE2071CD Datasheet HTML 47Page - Texas Instruments TLE2071CD Datasheet HTML 48Page - Texas Instruments TLE2071CD Datasheet HTML 49Page - Texas Instruments TLE2071CD Datasheet HTML 50Page - Texas Instruments TLE2071CD Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
TLE207x, TLE207xA, TLE207xY
EXCALIBUR LOW-NOISE HIGH-SPEED
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2074M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
T †
TLE2074M
TLE2074AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ICC
Supply current
VO = 0
No load
25
°C
5.2
6.5
7.5
5.2
6.5
7.5
mA
ICC
y
( four amplifiers )
VO = 0,
No load
Full range
7.5
7.5
mA
Crosstalk attenuation
VIC = 0,
RL = 2 kΩ
25
°C
120
120
dB
IOS
Short circuit output current
VO =0
VID = 1 V
25
°C
–30
–45
–30
–45
mA
IOS
Short-circuit output current
VO = 0
VID = – 1 V
25
°C
30
48
30
48
mA
† Full range is – 55
°C to 125°C.
TLE2074M operating characteristics at specified free-air temperature, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
T †
TLE2074M
TLE2074AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
25
40
25
40
SR +
Positive slew rate
VO(PP) = 10 V, AVD = – 1,
RL =2kΩ
CL = 100 pF
Full
range
17
17
V/
µs
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
25
°C
30
45
30
45
SR –
Negative slew rate
See Figure 1
Full
range
20
20
V/
µs
t
Settling time
AVD = – 1,
10-V step,
To 10 mV
25
°C
0.4
0.4
µs
ts
Settling time
,
RL = 1 kΩ,
CL = 100 pF
To 1 mV
25
°C
1.5
1.5
µs
V
Equivalent input noise
f = 10 Hz
25
°C
28
55∗
28
55∗
nV/
√Hz
Vn
q
voltage
f = 10 kHz
25
°C
11.6
17∗
11.6
17∗
nV/
√Hz
RS = 20 Ω,
f = 10 Hz to
6
6
VN(PP)
Peak-to-peak equivalent
S
See Figure 3
10 kHz
25
°C
6
6
µV
VN(PP)
q
input noise voltage
f = 0.1 Hz to
25
°C
06
06
µV
10 Hz
0.6
0.6
I
Equivalent input noise
VIC =0
f=10kHz
25
°C
28
28
fA/
√Hz
In
q
current
VIC = 0,
f = 10 kHz
25
°C
2.8
2.8
fA/
√Hz
THD+N
Total harmonic distortion
VO(PP) = 20 V, AVD = 10,
f
1 kHz
RL 2kΩ
25
°C
0 008%
0 008%
THD + N
plus noise
f = 1 kHz,
RL = 2 kΩ,
RS = 25 Ω
25
°C
0.008%
0.008%
B1
Unity gain bandwidth
VI = 10 mV,
RL = 2 kΩ,
25
°C
8∗
10
8∗
10
MHz
B1
Unity-gain bandwidth
I
,
L
,
CL = 25 pF,
See Figure 2
25
°C
8∗
10
8∗
10
MHz
BOM
Maximum output-swing
VO(PP) = 20 V, AVD = – 1,
25
°C
478∗
637
478∗
637
kHz
BOM
g
bandwidth
O(PP)
,
VD
,
RL = 2 kΩ,CL = 25 pF
25
°C
478∗
637
478∗
637
kHz
φ
Phase margin at unity
VI = 10 mV,
RL = 2 kΩ,
25
°C
57
°
57
°
φm
gy
gain
IL
CL = 25 pF,
See Figure 2
25
°C
57
°
57
°
∗On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested.
† Full range is – 55
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com