Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071CD Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071CD Datasheet(HTML) 54 Page - Texas Instruments

Back Button TLE2071CD Datasheet HTML 50Page - Texas Instruments TLE2071CD Datasheet HTML 51Page - Texas Instruments TLE2071CD Datasheet HTML 52Page - Texas Instruments TLE2071CD Datasheet HTML 53Page - Texas Instruments TLE2071CD Datasheet HTML 54Page - Texas Instruments TLE2071CD Datasheet HTML 55Page - Texas Instruments TLE2071CD Datasheet HTML 56Page - Texas Instruments TLE2071CD Datasheet HTML 57Page - Texas Instruments TLE2071CD Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
TLE207x, TLE207xA, TLE207xY
EXCALIBUR LOW-NOISE HIGH-SPEED
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
7.5
6
3
1.5
0
13.5
4.5
0
– 5 –10 –15 – 20 – 25 – 30
10.5
9
12
MAXIMUM POSITIVE PEAK OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
15
– 35 – 40 – 45 – 50
TA = – 55°C
TA = 25°C
TA = 125°C
TA = 85°C
IO – Output Current – mA
VCC
± = ±15 V
Figure 19
–7.5
– 6
– 3
–1.5
0
–13.5
– 4.5
0
5
10
15
20
25
30
–10.5
– 9
–12
–15
35
40
45
50
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
TA = 25°C
TA = 125°C
TA = – 55°C
VCC
± = ±15 V
TA = 85°C
IO – Output Current – mA
Figure 20
0
– 1
– 3
– 4
– 5
4
– 2
525
45
2
1
3
MAXIMUM PEAK OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
5
65
85
105 125
IO = – 200 µA
IO = – 2 mA
IO = – 20 mA
VCC
± = ±5 V
IO = 20 mA
IO = 2 mA
IO = 200 µA
– 75 – 55 – 35 –15
TA – Free-Air Temperature – °C
Figure 21
12.5
12
11
10.5
10
14.5
11.5
525
45
13.5
13
14
15
65
85
105 125
MAXIMUM PEAK OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
IO = – 20 mA
IO = 20 mA
IO = 2 mA
IO = – 200 µA
IO = 200 µA
VCC
± = ±15 V
– 75 – 55 – 35 –15
TA – Free-Air Temperature – °C
IO = – 2 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com