Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071CD Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071CD Datasheet(HTML) 57 Page - Texas Instruments

Back Button TLE2071CD Datasheet HTML 53Page - Texas Instruments TLE2071CD Datasheet HTML 54Page - Texas Instruments TLE2071CD Datasheet HTML 55Page - Texas Instruments TLE2071CD Datasheet HTML 56Page - Texas Instruments TLE2071CD Datasheet HTML 57Page - Texas Instruments TLE2071CD Datasheet HTML 58Page - Texas Instruments TLE2071CD Datasheet HTML 59Page - Texas Instruments TLE2071CD Datasheet HTML 60Page - Texas Instruments TLE2071CD Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
TLE207x, TLE207xA, TLE207xY
EXCALIBUR LOW-NOISE HIGH-SPEED
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
60
20
0
– 40
1
10
100
1 k
10 k 100 k
100
120
f – Frequency – Hz
SMALL-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
140
1 M
10 M
100 M
80
40
Gain
Phase Shift
– 20
140
°
120
°
100
°
80
°
60
°
40
°
20
°
0
°
180
°
160
°
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
Figure 28
– 10
– 20
30
1
4
10
40
100
f – Frequency – MHz
SMALL-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
20
10
0
CL = 25 pF
VCC
± = ± 15 V
Phase Shift
Gain
80
°
120
°
100
°
140
°
160
°
180
°
CL = 100 pF
VIC = 0
RL = 2 kΩ
TA = 25°C
CL = 100 pF
CL = 25 pF
Figure 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com