Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071CD Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071CD Datasheet(HTML) 64 Page - Texas Instruments

Back Button TLE2071CD Datasheet HTML 60Page - Texas Instruments TLE2071CD Datasheet HTML 61Page - Texas Instruments TLE2071CD Datasheet HTML 62Page - Texas Instruments TLE2071CD Datasheet HTML 63Page - Texas Instruments TLE2071CD Datasheet HTML 64Page - Texas Instruments TLE2071CD Datasheet HTML 65Page - Texas Instruments TLE2071CD Datasheet HTML 66Page - Texas Instruments TLE2071CD Datasheet HTML 67Page - Texas Instruments TLE2071CD Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
TLE207x, TLE207xA, TLE207xY
EXCALIBUR LOW-NOISE HIGH-SPEED
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000
64
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 54
0.01
1
10
100
1 k
10 k
100 k
Noise Bandwidth – Hz
1
0.1
10
100
INPUT-REFERRED NOISE VOLTAGE
vs
NOISE BANDWIDTH
VCC
± = ±15 V
VIC = 0
RS = 20 Ω
TA = 25°C
Peak-to-Peak
RMS
Figure 55
0.3
0
– 0.3
– 0.6
0
1
2
3456
0.6
0.9
t – Time – s
INPUT-REFERRED NOISE VOLTAGE
OVER A 10-SECOND TIME INTERVAL
1.2
789
10
VCC
± = ±15 V
f = 0.1 to 10 Hz
TA = 25°C
Figure 56
– 90
– 95
–100
–115
10
15
20
25
30
35
– 85
– 80
Frequency Bands
THIRD-OCTAVE SPECTRAL NOISE DENSITY
vs
FREQUENCY BANDS
– 75
40
45
VCC
± = ±15 V
Start Frequency: 12.5 Hz
Stop Frequency: 20 kHz
–105
–110
VIC = 0
TA = 25°C
Figure 57
0.001
10
100
1 k
10 k
100 k
0.01
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
0.1
1
VCC
± = ±5 V
VO(PP) = 5 V
TA = 25°C
Filter: 10-Hz to 500-kHz Band Pass
AV = 100, RL = 600 Ω
AV = 100, RL = 2 kΩ
AV = 10, RL = 2 kΩ
AV = 10, RL = 600 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com