Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLE2161IP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2161IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2161IP Datasheet HTML 7Page - Texas Instruments TLE2161IP Datasheet HTML 8Page - Texas Instruments TLE2161IP Datasheet HTML 9Page - Texas Instruments TLE2161IP Datasheet HTML 10Page - Texas Instruments TLE2161IP Datasheet HTML 11Page - Texas Instruments TLE2161IP Datasheet HTML 12Page - Texas Instruments TLE2161IP Datasheet HTML 13Page - Texas Instruments TLE2161IP Datasheet HTML 14Page - Texas Instruments TLE2161IP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VCC ± = ± 15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2161I, TLE2161AI
TLE2161IB
UNIT
A
MIN
TYP
MAX
SR
Slew rate (see Figure 1)
AVD =5
RL =10kΩ
CL = 100 pF
25
°C
7
10
V/
µs
SR
Slew rate (see Figure 1)
AVD = 5,
RL = 10 kΩ,
CL = 100 pF
Full range
5
V/
µs
V
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
25
°C
70
100
nV/
√Hz
Vn
qg
(see Figure 2)
RS = 20 Ω,
f = 1 kHz
25
°C
40
60
nV/
√Hz
V (PP)
Peak-to-peak equivalent input
f=01Hzto10Hz
25
°C
11
µV
Vn(PP)
q
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
µV
In
Equivalent input noise current
f = 1 kHz
25
°C
1.1
fA/
√Hz
THD
Total harmonic distortion
VO(PP) = 2 V,
AVD = 5,
f = 10 kHz,
25
°C
0 025%
THD
Total harmonic distortion
O(PP)
,
RL = 10 kΩ
VD
,
,
25
°C
0.025%
Gain-bandwidth product
f = 100 kHz,
RL = 10 kΩ,
CL = 100 pF
25
°C
6.4
MHz
(see Figure 3)
f = 100 kHz,
RL = 600 Ω,
CL = 100 pF
25
°C
5.6
MHz
t
Settling time
ε = 0.1%
25
°C
5
µs
ts
Settling time
ε = 0.01%
25
°C
10
µs
BOM
Maximum output-swing
AVD =5
RL =10kΩ
25
°C
116
kHz
BOM
g
bandwidth
AVD = 5,
RL = 10 kΩ
25
°C
116
kHz
φ
Phase margin (see Figure 3)
AVD = 5,
RL = 10 kΩ,
CL = 100 pF
25
°C
72
°
φm
Phase margin (see Figure 3)
AVD = 5,
RL = 600 Ω,
CL = 100 pF
25
°C
78
°
† Full range is – 40
°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com