Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IP Datasheet(PDF) 23 Page - Texas Instruments

Part # TLE2161IP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2161IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLE2161IP Datasheet HTML 19Page - Texas Instruments TLE2161IP Datasheet HTML 20Page - Texas Instruments TLE2161IP Datasheet HTML 21Page - Texas Instruments TLE2161IP Datasheet HTML 22Page - Texas Instruments TLE2161IP Datasheet HTML 23Page - Texas Instruments TLE2161IP Datasheet HTML 24Page - Texas Instruments TLE2161IP Datasheet HTML 25Page - Texas Instruments TLE2161IP Datasheet HTML 26Page - Texas Instruments TLE2161IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SMALL-SIGNAL
PULSE RESPONSE
See Figure 1
t – Time –
µs
3
2
1
0
– 100
–50
0
50
100
TA = 25°C
CL = 100 pF
RL = 10 kΩ
AVD = 5
VCC
± = ± 5 V
0.5
1.5
2.5
Figure 24
SMALL-SIGNAL
PULSE RESPONSE
VCC
± = ± 15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
100
50
0
–50
– 100
0
1
23
t – Time –
µs
0.5
1.5
2.5
AVD = 5
Figure 25
CL = 100 pF
LARGE-SIGNAL
PULSE RESPONSE
RL = 10 kΩ
VCC
± = ± 5 V
AVD = 5
TA = 25°C
See Figure 1
0
5
10
15
t – Time –
µs
–2
–1
0
1
2
3
4
Figure 26
LARGE-SIGNAL
PULSE RESPONSE
See Figure 1
TA = 25°C
CL = 100 pF
RL = 10 kΩ
AVD = 5
VCC
± = ±15 V
t – Time –
µs
40
30
20
10
0
–15
–10
–5
0
5
10
15
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com