Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLE2161IP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2161IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2161IP Datasheet HTML 8Page - Texas Instruments TLE2161IP Datasheet HTML 9Page - Texas Instruments TLE2161IP Datasheet HTML 10Page - Texas Instruments TLE2161IP Datasheet HTML 11Page - Texas Instruments TLE2161IP Datasheet HTML 12Page - Texas Instruments TLE2161IP Datasheet HTML 13Page - Texas Instruments TLE2161IP Datasheet HTML 14Page - Texas Instruments TLE2161IP Datasheet HTML 15Page - Texas Instruments TLE2161IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC ± = ± 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2161M
TLE2161AM
TLE2161BM
UNIT
MIN
TYP
MAX
TLE2161M
25
°C
0.8
3.1
TLE2161M
Full range
6
VIO
Input offset voltage
TLE2161AM
25
°C
0.6
2.6
mV
VIO
Input offset voltage
TLE2161AM
Full range
4.6
mV
TLE2161BM
25
°C
0.5
1.9
TLE2161BM
Full range
3.1
αVIO
Temperature coefficient of input offset
voltage
VIC = 0,
RS = 50 Ω
Full range
6
µV/°C
Input offset voltage long-term drift
(see Note 4)
25
°C
0.04
µV/mo
IIO
Input offset current
25
°C
1
pA
IIO
Input offset current
Full range
15
nA
IIB
Input bias current
25
°C
3
pA
IIB
Input bias current
Full range
30
nA
VICR
Common mode input voltage range
25
°C
– 1.6
to 4
–2
to 6
V
VICR
Common-mode input voltage range
Full range
– 1.6
to 4
V
All packages
RL =10kΩ
25
°C
3.5
3.7
V
All packages
RL = 10 kΩ
Full range
3
V
VOM
Maximum positive peak
FK and JG
RL = 600 Ω
25
°C
2.5
3.6
VOM +
output voltage swing
packages
RL = 600 Ω
Full range
2
V
D and P
RL = 100 Ω
25
°C
2.5
3.1
V
packages
RL = 100 Ω
Full range
2
All packages
RL =10kΩ
25
°C
– 3.7
– 3.9
All packages
RL = 10 kΩ
Full range
–3
VOM
Maximum negative peak
FK and JG
RL = 600 Ω
25
°C
– 2.5
– 3.5
V
VOM –
g
output voltage swing
packages
RL = 600 Ω
Full range
–2
V
D and P
RL = 100 Ω
25
°C
– 2.5
– 2.7
packages
RL = 100 Ω
Full range
–2
All packages
V0 = ± 28 V
RL =10kΩ
25
°C
15
80
All packages
V0 = ± 2.8 V,
RL = 10 kΩ
Full range
2
V0 = 0 to 2 5 V
RL = 600 Ω
25
°C
1
65
FK and JG
V0 = 0 to 2.5 V,
RL = 600 Ω
Full range
0.5
AVD
Large-signal differential
packages
V0 =0to 2 5 V
RL = 600 Ω
25
°C
1
16
V/mV
AVD
gg
voltage amplification
V0 = 0 to – 2.5 V, RL = 600 Ω
Full range
0.5
V/mV
V0 = 0 to2V
RL = 100 Ω
25
°C
0.75
45
D and P
V0 = 0 to 2 V,
RL = 100 Ω
Full range
0.5
packages
V0 =0to 2 V
RL = 100 Ω
25
°C
0.5
3
V0 = 0 to – 2 V,
RL = 100 Ω
Full range
0.25
† Full range is – 55
°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com