Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IP Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2161IP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2161IP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2161IP Datasheet HTML 17Page - Texas Instruments TLE2161IP Datasheet HTML 18Page - Texas Instruments TLE2161IP Datasheet HTML 19Page - Texas Instruments TLE2161IP Datasheet HTML 20Page - Texas Instruments TLE2161IP Datasheet HTML 21Page - Texas Instruments TLE2161IP Datasheet HTML 22Page - Texas Instruments TLE2161IP Datasheet HTML 23Page - Texas Instruments TLE2161IP Datasheet HTML 24Page - Texas Instruments TLE2161IP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FRQUENCY
TA = 25°C
CL = 100 pF
RL = 10 kΩ
VCC
± = ±15 V
Phase Shift
AVD
60
°
80
°
10 M
1 M
100 k
10 k
1 k
100
10
1
0.1
f – Frequency – Hz
–20
0
20
40
60
80
100
120
Figure 16
100
°
120
°
140
°
160
°
180
°
200
°
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
RL = 10 kΩ
VCC
± = ±5 V
VCC
± = ±15 V
TA – Free-Air Temperature – °C
125
100
75
50
25
0
–25
–50
–75
350
300
250
200
150
100
50
0
400
Figure 17
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VID = 100 mV
VO = 0
TA = 25°C
VCC
± = ±15 V
VID = – 100 mV
60
50
40
30
20
10
0
t – Elapsed Time – s
–80
–60
–40
–20
0
20
40
60
80
Figure 18
LARGE-SIGNAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VID = –100 mV
VID = 100 mV
VO = 0
VCC
± = ±15 V
80
–80
–60
–40
–20
0
20
40
60
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
Figure 19
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com