Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLE2027MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2027MP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2027MP Datasheet HTML 2Page - Texas Instruments TLE2027MP Datasheet HTML 3Page - Texas Instruments TLE2027MP Datasheet HTML 4Page - Texas Instruments TLE2027MP Datasheet HTML 5Page - Texas Instruments TLE2027MP Datasheet HTML 6Page - Texas Instruments TLE2027MP Datasheet HTML 7Page - Texas Instruments TLE2027MP Datasheet HTML 8Page - Texas Instruments TLE2027MP Datasheet HTML 9Page - Texas Instruments TLE2027MP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192 – FEBRUARY 1997
6–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE20x7C electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLE20x7C
TLE20x7AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
20
100
10
25
µV
VIO
Input offset voltage
Full range
145
70
µV
αVIO
Temperature coefficient of
input offset voltage
Full range
0.4
1
0.2
1
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.006
1
0.006
1
µV/mo
IIO
Input offset current
25
°C
6
90
6
90
nA
IIO
Input offset current
Full range
150
150
nA
IIB
Input bias current
25
°C
15
90
15
90
nA
IIB
Input bias current
Full range
150
150
nA
VICR
Common-mode input
RS =50 Ω
25
°C
–11
to
11
–13
to
13
–11
to
11
–13
to
13
V
VICR
voltage range
RS = 50 Ω
Full range
– 10.5
to
10.5
– 10.5
to
10.5
V
RL = 600 Ω
25
°C
10.5
12.9
10.5
12.9
VOM
Maximum positive peak
RL = 600 Ω
Full range
10
10
V
VOM +
output voltage swing
RL =2kΩ
25
°C
12
13.2
12
13.2
V
RL = 2 kΩ
Full range
11
11
RL = 600 Ω
25
°C
– 10.5
–13
– 10.5
–13
VOM
Maximum negative peak
RL = 600 Ω
Full range
–10
–10
V
VOM –
g
output voltage swing
RL =2kΩ
25
°C
–12
– 13.5
–12
– 13.5
V
RL = 2 kΩ
Full range
–11
–11
VO = ± 11 V, RL = 2 kΩ
25
°C
5
45
10
45
VO = ± 10 V, RL = 2 kΩ
Full range
2
4
AVD
Large-signal differential
VO = ± 10 V
RL =1kΩ
25
°C
3.5
38
8
38
V/
µV
AVD
gg
voltage amplification
VO = ± 10 V, RL = 1 kΩ
Full range
1
2.5
V/
µV
VO = ± 10 V,
25
°C
2
19
5
19
O
,
RL = 600 Ω
Full range
0.5
2
Ci
Input capacitance
25
°C
8
8
pF
zo
Open-loop output
impedance
IO = 0
25
°C
50
50
Ω
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
100
131
117
131
dB
CMRR
j
ratio
IC
ICR
,
RS = 50 Ω
Full range
98
114
dB
kSVR
Supply-voltage rejection
VCC
± = ±4 V to ±18 V,
RS = 50 Ω
25
°C
94
144
110
144
dB
kSVR
yg
j
ratio (
∆VCC± /∆VIO)
VCC
± = ±4 V to ±18 V,
RS = 50 Ω
Full range
92
106
dB
ICC
Supply current
VO = 0
No load
25
°C
3.8
5.3
3.8
5.3
mA
ICC
Supply current
VO = 0,
No load
Full range
5.6
5.6
mA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com