Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MP Datasheet(PDF) 25 Page - Texas Instruments

Part # TLE2027MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2027MP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLE2027MP Datasheet HTML 21Page - Texas Instruments TLE2027MP Datasheet HTML 22Page - Texas Instruments TLE2027MP Datasheet HTML 23Page - Texas Instruments TLE2027MP Datasheet HTML 24Page - Texas Instruments TLE2027MP Datasheet HTML 25Page - Texas Instruments TLE2027MP Datasheet HTML 26Page - Texas Instruments TLE2027MP Datasheet HTML 27Page - Texas Instruments TLE2027MP Datasheet HTML 28Page - Texas Instruments TLE2027MP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192 – FEBRUARY 1997
6–25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–75
–24
TA – Free-Air Temperature – °C
150
–48
–50 –25
0
25
50
75
100 125
–28
–32
–36
–40
–44
SHORT-CIRCUIT OUTPUT CURRENT †
vs
FREE-AIR TEMPERATURE
VCC
± = ± 15 V
VID = 100 mV
VO = 0
P Package
Figure 33
26
TA – Free-Air Temperature – °C
46
30
34
38
42
125
100
75
50
25
0
–25
– 50
150
–75
SHORT-CIRCUIT OUTPUT CURRENT †
vs
FREE-AIR TEMPERATURE
VCC
± = ± 15 V
VID = – 100 mV
VO = 0
P Package
Figure 34
0
0
 VCC± – Supply Voltage – V
6
2
4
6
8
10
12
14
16
18
20
1
2
3
4
5
SUPPLY CURRENT †
vs
SUPPLY VOLTAGE
VO = 0
No Load
TA = 125°C
TA = 25°C
TA = – 55°C
Figure 35
–75
2.5
TA – Free-Air Temperature – °C
150
5
–50 –25
025
50
75
100 125
3
3.5
4
4.5
SUPPLY CURRENT †
vs
FREE-AIR TEMPERATURE
VCC
± = ± 15 V
VO = 0
No Load
Sample Size = 836 Units
From 2 Wafer Lots
Figure 36
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com