Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MP Datasheet(PDF) 29 Page - Texas Instruments

Part # TLE2027MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2027MP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLE2027MP Datasheet HTML 25Page - Texas Instruments TLE2027MP Datasheet HTML 26Page - Texas Instruments TLE2027MP Datasheet HTML 27Page - Texas Instruments TLE2027MP Datasheet HTML 28Page - Texas Instruments TLE2027MP Datasheet HTML 29Page - Texas Instruments TLE2027MP Datasheet HTML 30Page - Texas Instruments TLE2027MP Datasheet HTML 31Page - Texas Instruments TLE2027MP Datasheet HTML 32Page - Texas Instruments TLE2027MP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192 – FEBRUARY 1997
6–29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 49
56
°
54
°
52
°
50
°
48
°
46
°
44
°
20
18
16
14
12
10
8
6
4
2
58
°
22
| VCC
± | – Supply Voltage – V
42
°
0
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
TLE2027
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 50
0
 VCC± – Supply Voltage – V
2
46
8
10
12
14
16
18
20
38
°
40
°
42
°
44
°
46
°
48
°
50
°
52
°
TA = 25°C
CL = 100 pF
AVD = 5
RL = 2 kΩ
TLE2037
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 51
1000
40
°
20
°
60
°
CL – Load Capacitance – pF
0
°
100
TLE2027
PHASE MARGIN
vs
LOAD CAPACITANCE
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C
See Figure 3
10
°
30
°
50
°
Figure 52
100
0
°
CL – Load Capacitance – pF
10000
1000
10
°
20
°
30
°
40
°
50
°
60
°
VCC
± = ± 15 V
RL = 2 kΩ
TA = 25°C
TLE2037
PHASE MARGIN
vs
LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com