Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MP Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2027MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2027MP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2027MP Datasheet HTML 15Page - Texas Instruments TLE2027MP Datasheet HTML 16Page - Texas Instruments TLE2027MP Datasheet HTML 17Page - Texas Instruments TLE2027MP Datasheet HTML 18Page - Texas Instruments TLE2027MP Datasheet HTML 19Page - Texas Instruments TLE2027MP Datasheet HTML 20Page - Texas Instruments TLE2027MP Datasheet HTML 21Page - Texas Instruments TLE2027MP Datasheet HTML 22Page - Texas Instruments TLE2027MP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192 – FEBRUARY 1997
6–19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
0
10 k
f – Frequency – Hz
5
10
15
20
25
30
100 k
1 M
100 M
TA = – 55°C
10 M
RL = 2 kΩ
VCC
± = ± 15 V
TA = 125°C
TLE2037
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE †
vs
FREQUENCY
Figure 15
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
0
100
RL – Load Resistance – Ω
2
4
6
8
10
12
14
1 k
10 k
VCC
± = ± 15 V
TA = 25°C
Figure 16
0
100
RL – Load Resistance – Ω
–2
–4
–6
–8
–10
–12
–14
1 k
10 k
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC
± = ± 15 V
TA = 25°C
Figure 17
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE †
vs
FREE-AIR TEMPERATURE
12.9
–75
TA – Free-Air Temperature – °C
13
13.1
13.2
13.3
13.4
13.5
– 50 – 25
0
25
50
75
100 125 150
VCC
± = ± 15 V
RL = 2 kΩ
From 2 Wafer Lots
Sample Size = 832 Units
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com