Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCM Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 3Page - Texas Instruments TMS320C32PCM Datasheet HTML 4Page - Texas Instruments TMS320C32PCM Datasheet HTML 5Page - Texas Instruments TMS320C32PCM Datasheet HTML 6Page - Texas Instruments TMS320C32PCM Datasheet HTML 7Page - Texas Instruments TMS320C32PCM Datasheet HTML 8Page - Texas Instruments TMS320C32PCM Datasheet HTML 9Page - Texas Instruments TMS320C32PCM Datasheet HTML 10Page - Texas Instruments TMS320C32PCM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
Boot
ROM
Program
Cache
(64
× 32)
RAM
Block 0
(256
× 32)
RAM
Block 1
(256
× 32)
IR
PC
CPU1
REG1
REG2
Multiplexer
40
32
32
32
32
32
32
32
24
24
24
24
BK
ARAU0
ARAU1
DISP0, IR0, IR1
Extended-
Precision
Registers
(R0–R7)
Auxiliary
Registers
(AR0 – AR7)
Other
Registers
(12)
40
40
40
40
Multiplier
32-Bit
Barrel
Shifter
ALU
External
Memory
Interface
Serial Port
Data-Transmit
Register
Data-Receive
Register
FSX0
DX0
CLKX0
FSR0
DR0
CLKR0
Timer 0
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK0
Timer 1
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK1
PDATA Bus
PADDR Bus
DDATA Bus
DADDR1 Bus
DADDR2 Bus
DMADATA Bus
40
32
24
24
24
24
32
32
32
CPU2
32
32
40
40
Serial Port-
Control Reg.
Receive/Transmit
(R/X)Timer Register
DMAADDR Bus
STRB0 Control Reg.
STRB1 Control Reg.
IOSTRB Control Reg.
STRB1
IOSTRB
STRB0
RESET
INT(3-0)
IACK
XF(1,0)
H1
H3
MCBL / MP
CLKIN
VDD
VSS
SHZ
EMU0–3
32
24
A23 – A0
D31 – D0
R/W
RDY
HOLD
HOLDA
PRGW
STRB0_B3/A–1
STRB0_B2/A–2
STRB0_B1
STRB0_B0
IOSTRB
Multiplexer
DMA Controller
Global-Contol Register
Source-Address Register
Destination-Address Reg.
Transfer-Counter Reg.
DMA Channel 0
Global-Control Register
Source-Address Register
Destination-Address Reg.
Transfer-Counter Reg.
DMA Channel 1
STRB1_B3/A–1
STRB1_B2/A–2
STRB1_B1
STRB1_B0
operation
Operation of the TMS320C32 is identical to the TMS320C30 and TMS320C31 digital signal processors, with
the exception of an enhanced external memory interface and the addition of two CPU power-management
modes.
external-memory interface
The TMS320C32 has a configurable external-memory interface with a 24-bit address bus, a 32-bit data bus,
and three independent multifunction strobes. The flexibility of this unique interface enables product designers
to minimize external-memory chip count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com