Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCM Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 10Page - Texas Instruments TMS320C32PCM Datasheet HTML 11Page - Texas Instruments TMS320C32PCM Datasheet HTML 12Page - Texas Instruments TMS320C32PCM Datasheet HTML 13Page - Texas Instruments TMS320C32PCM Datasheet HTML 14Page - Texas Instruments TMS320C32PCM Datasheet HTML 15Page - Texas Instruments TMS320C32PCM Datasheet HTML 16Page - Texas Instruments TMS320C32PCM Datasheet HTML 17Page - Texas Instruments TMS320C32PCM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
power management
The TMS320C32 CPU has two power-management modes, IDLE2 and LOPOWER (low power). In IDLE2
mode, no instructions are executed and the CPU, peripherals, and memory retain their previous state while the
external bus output pins are idle. During IDLE2 mode, the H1 clock signal is held high while the H3 clock signal
is held low until one of the four external interrupts is asserted. In the LOPOWER mode, the CPU continues to
execute instructions and the DMA continues to perform transfers, but at a reduced clock rate of the CLKIN
frequency divided by 16 (that is, TMS320C32 with a 32-MHz CLKIN frequency performs the same as a 2-MHz
TMS320C32 with an instruction cycle time of 1000 ns (1 MHz).
boot loader
The TMS320C32 flexible boot loader loads programs from the serial port, EPROM, or other standard
non-volatile memory device. The boot-loader functionality of the TMS320C32 is equivalent to that of the
TMS320C31, and has added modes to handle the data-type sizes and memory widths supported by the external
memory interface. The memory-boot load supports data transfers with and without handshaking. The
handshake mode allows synchronous transfer of programs by using two pins as data-acknowledge and
data-ready signals.
peripherals
The TMS320C32 peripherals are composed of one serial port, two timers, and two DMA channels. The serial
port and timers are the functional equivalent of those in the TMS320C31 peripherals. The TMS320C32
two-channel DMA coprocessor has user-configurable priorities: CPU, DMA, or rotating between CPU and DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com