Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCM Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 5Page - Texas Instruments TMS320C32PCM Datasheet HTML 6Page - Texas Instruments TMS320C32PCM Datasheet HTML 7Page - Texas Instruments TMS320C32PCM Datasheet HTML 8Page - Texas Instruments TMS320C32PCM Datasheet HTML 9Page - Texas Instruments TMS320C32PCM Datasheet HTML 10Page - Texas Instruments TMS320C32PCM Datasheet HTML 11Page - Texas Instruments TMS320C32PCM Datasheet HTML 12Page - Texas Instruments TMS320C32PCM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface (continued)
D For 8-bit-wide physical memory, the STRBx_B2/A–2 and STRBx_B3/A–1 pins function as address pins
(least significant address bits) and the STRBx_B0 pin functions as a byte-enable (chip-select) pin.
STRBx_B1 is unused. See Figure 2.
8
8-Bit Data Bus
CS
Data
A0
A1
A2
A14
STRB0_B0
STRB0_B2/A –2
STRB0_B3/A –1
A0
A1
.
A13
A14
Data
8
A3
.
.
STRB0_B1
A12
.
NC
Figure 2. ’C32 With 8-Bit-Wide External Memory
D For 16-bit-wide physical memory, the STRBx_B3/A–1 pin functions as an address pin (least significant
address bits). The STRBx_B0 and STRBx_B1 pins function as byte-enable (chip-select) pins.
STRBx_B2/A–2 is unused. See Figure 3.
CS
Data
A2
.
A14
A0
A1
16-Bit Data Bus
CS
Data
A0
A1
A2
.
A14
STRB0_B0
STRB0_B1
STRB0_B3/A –1
A0
A1
A2
A13
A14
Data
16
8
8
.
.
.
A3
A3
.
STRB0_B2 / A –2
NC
Figure 3. ’C32 With 16-Bit-Wide External Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com