Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2471IDBVT Datasheet HTML 4Page - Texas Instruments TLV2471IDBVT Datasheet HTML 5Page - Texas Instruments TLV2471IDBVT Datasheet HTML 6Page - Texas Instruments TLV2471IDBVT Datasheet HTML 7Page - Texas Instruments TLV2471IDBVT Datasheet HTML 8Page - Texas Instruments TLV2471IDBVT Datasheet HTML 9Page - Texas Instruments TLV2471IDBVT Datasheet HTML 10Page - Texas Instruments TLV2471IDBVT Datasheet HTML 11Page - Texas Instruments TLV2471IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
64
84
CMRR
Common-mode rejection ratio
VIC = 0 to 5 V,
Ω
TLV247xC
Full range
63
dB
CMRR
Common-mode rejection ratio
RS = 50 Ω
TLV247xI
Full range
58
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
74
90
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
66
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
77
92
dB
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
66
25
°C
600
900
µ
IDD
Supply current (per channel)
VO = 2.5 V,
No load
Full range
1000
µA
25
°C
1000
2500
IDD(SHDN)
Supply current in shutdown
mode (TLV2470, TLV2473,
SHDN = 0 V
TLV247xC
Full range
3000
nA
IDD(SHDN)
mode (TLV2470, TLV2473,
TLV2475) (per channel)
SHDN = 0 V
TLV247xI
Full range
6000
nA
† Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
operating characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO(PP) = 2 V,
CL = 150 pF,
25
°C
1.1
1.5
SR
Slew rate at unity gain
VO(PP) = 2 V,
RL = 10 kΩ
CL = 150 pF,
Full range
0.7
V/
µs
f = 100 Hz
25
°C
28
√
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
15
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.39
pA /
√Hz
AV = 1
0.01%
THD + N
Total harmonic distortion plus noise
VO(PP) = 4 V,
RL = 10 kΩ,
AV = 10
25
°C
0.05%
THD + N
Total harmonic distortion plus noise
RL = 10 kΩ,
f = 1 kHz
AV = 100
25 C
0.3%
t(on)
Amplifier turnon time
25
°C
5
µs
t(off)
Amplifier turnoff time
RL = OPEN‡
25
°C
250
ns
Gain-bandwidth product
f = 10 kHz,
RL = 600 Ω
25
°C
2.8
MHz
V(STEP)PP = 2 V,
A = - 1,
0.1%
1.8
AV = -1,
CL = 10 pF,
RL = 10 kΩ
0.01%
°
3.3
ts
Settling time
V(STEP)PP = 2 V,
A = - 1,
0.1%
25
°C
1.7
µs
AV = -1,
CL = 56 pF,
RL = 10 kΩ
0.01%
3
φm
Phase margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
68
°
Gain margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
23
dB
† Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
‡ Disable and enable time are defined as the interval between application of logic signal to SHDN and the point at which the supply current has
reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com