Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2471IDBVT Datasheet HTML 8Page - Texas Instruments TLV2471IDBVT Datasheet HTML 9Page - Texas Instruments TLV2471IDBVT Datasheet HTML 10Page - Texas Instruments TLV2471IDBVT Datasheet HTML 11Page - Texas Instruments TLV2471IDBVT Datasheet HTML 12Page - Texas Instruments TLV2471IDBVT Datasheet HTML 13Page - Texas Instruments TLV2471IDBVT Datasheet HTML 14Page - Texas Instruments TLV2471IDBVT Datasheet HTML 15Page - Texas Instruments TLV2471IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
0
10
20
30
40
50
60
70
80
90
PHASE MARGIN
vs
LOAD CAPACITANCE
CL - Load Capacitance - pF
100
1k
10k
100k
VDD=3 V
RL=10 kΩ
TA=25°C
See Figure 42
Rnull=100
Rnull=50
Rnull=20
Rnull=0
Figure 19
0
10
20
30
40
50
60
70
80
90
100
PHASE MARGIN
vs
LOAD CAPACITANCE
CL - Load Capacitance - pF
100
1k
10k
100k
VDD=5V
RL=10 kΩ
TA=25°C
See Figure 42
Rnull=100
Rnull=50
Rnull=0
Rnull=20
Figure 20
Rnull=100
Rnull=0
VDD=3V
RL=10 kΩ
TA=25°C
Rnull=20
Rnull=50
GAIN MARGIN
vs
LOAD CAPACITANCE
CL - Load Capacitance - pF
100
1k
10k
100k
15
20
30
25
5
10
0
Figure 21
GAIN MARGIN
vs
LOAD CAPACITANCE
CL - Load Capacitance - pF
100
1k
10k
100k
15
20
30
25
5
10
0
VDD=5V
RL=10 kΩ
TA=25°C
Rnull=0
Rnull=50
Rnull=20
Rnull=100
35
Figure 22
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
CL=11 pF
f=10 kHz
TA=25°C
RL=10 kΩ
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
RL=600 Ω
Figure 23
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VO(PP)=1.5 V
AV=-1
RL=10 kΩ
CL=150 pF
SR -
SLEW RATE
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
SR+
Figure 24
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
- 55 - 35 - 15
5
25
45
65
85 105 125
VDD=3 V
RL=10 kΩ
CL=150 pF
AV=-1
SR -
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
SR+
Figure 25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
- 55 - 35 - 15
5
25
45
65
85 105 125
VDD=5 V
RL=10 kΩ
CL=150 pF
AV=-1
SR -
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
SR+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com