Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV2471IDBVT Datasheet HTML 1Page - Texas Instruments TLV2471IDBVT Datasheet HTML 2Page - Texas Instruments TLV2471IDBVT Datasheet HTML 3Page - Texas Instruments TLV2471IDBVT Datasheet HTML 4Page - Texas Instruments TLV2471IDBVT Datasheet HTML 5Page - Texas Instruments TLV2471IDBVT Datasheet HTML 6Page - Texas Instruments TLV2471IDBVT Datasheet HTML 7Page - Texas Instruments TLV2471IDBVT Datasheet HTML 8Page - Texas Instruments TLV2471IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED DECEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D CMOS Rail-To-Rail Input/Output
D Input Bias Current... 2.5 pA
D Low Supply Current . . . 600 µA/Channel
D Ultra-Low Power Shutdown Mode
-
IDD(SHDN) ... 350 nA/ch at 3 V
-
IDD(SHDN) ... 1000 nA/ch at 5 V
D Gain-Bandwidth Product . . . 2.8 MHz
D High Output Drive Capability
-
±10 mA at 180 mV
-
±35 mA at 500 mV
D Input Offset Voltage . . . 250 µV (typ)
D Supply Voltage Range . . . 2.7 V to 6 V
D Ultra Small Packaging
- 5 or 6 Pin SOT-23 (TLV2470/1)
- 8 or 10 Pin MSOP (TLV2472/3)
description
The TLV247x is a family of CMOS rail-to-rail input/output operational amplifiers that establishes a new
performance point for supply current versus ac performance. These devices consume just 600
µA/channel
while offering 2.8 MHz of gain-bandwidth product. Along with increased ac performance, the amplifier provides
high output drive capability, solving a major shortcoming of older micropower operational amplifiers. The
TLV247x can swing to within 180 mV of each supply rail while driving a 10-mA load. For non-RRO applications,
the TLV247x can supply
±35 mA at 500 mV off the rail. Both the inputs and outputs swing rail-to-rail for increased
dynamic range in low-voltage applications. This performance makes the TLV247x family ideal for sensor
interface, portable medical equipment, and other data acquisition circuits.
FAMILY PACKAGE TABLE
NUMBER OF
PACKAGE TYPES
UNIVERSAL EVM
DEVICE
NUMBER OF
CHANNELS
PDIP
SOIC
SOT-23
TSSOP
MSOP
SHUTDOWN
UNIVERSAL EVM
BOARD
TLV2470
1
8
8
6
—
—
Yes
TLV2471
1
8
8
5
—
—
—
TLV2472
2
8
8
—
—
8
—
Refer to the EVM
TLV2473
2
14
14
—
—
10
Yes
Selection Guide
(Lit# SLOU060)
TLV2474
4
14
14
—
14
—
—
(Lit# SLOU060)
TLV2475
4
16
16
—
16
—
Yes
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VDD
(V)
VIO
(
µV)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
OUTPUT
DRIVE
RAIL-TO-RAIL
TLV247X
2.7 - 6.0
250
2.8
1.5
600
±35 mA
I/O
TLV245X
2.7 - 6.0
20
0.22
0.11
23
±10 mA
I/O
TLV246X
2.7 - 6.0
150
6.4
1.6
550
±90 mA
I/O
TLV277X
2.5 - 6.0
360
5.1
10.5
1000
±10 mA
O
† All specifications measured at 5 V.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1999-2003, Texas Instruments Incorporated
3
2
4
6
(TOP VIEW)
1
OUT
GND
IN+
VDD
IN -
TLV2470
DBV PACKAGE
5
SHDN


Similar Part No. - TLV2471IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471IDBVT TI-TLV2471IDBVT Datasheet
2Mb / 53P
FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471IDBVT TI-TLV2471IDBVT Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471IDBVT TI1-TLV2471IDBVT Datasheet
2Mb / 64P
FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471IDBVTG4 TI-TLV2471IDBVTG4 Datasheet
2Mb / 53P
FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471IDBVTG4 TI-TLV2471IDBVTG4 Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2471IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com