Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2471IDBVT Datasheet HTML 7Page - Texas Instruments TLV2471IDBVT Datasheet HTML 8Page - Texas Instruments TLV2471IDBVT Datasheet HTML 9Page - Texas Instruments TLV2471IDBVT Datasheet HTML 10Page - Texas Instruments TLV2471IDBVT Datasheet HTML 11Page - Texas Instruments TLV2471IDBVT Datasheet HTML 12Page - Texas Instruments TLV2471IDBVT Datasheet HTML 13Page - Texas Instruments TLV2471IDBVT Datasheet HTML 14Page - Texas Instruments TLV2471IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD - Supply Voltage - V
AV= 1
SHDN= VDD
Per Channel
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA=125°C
TA=85°C
TA=25°C
TA=-40°C
30
40
50
60
70
80
90
100
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f - Frequency - Hz
10
100
1k
10k
100k
1M
10M
VDD=3 & 5 V
RF=5 kΩ
RI=50 Ω
TA=25°C
PSRR+
PSRR -
Figure 11
Figure 12
50
60
70
80
90
100
110
120
130
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
100k
1M
10M
VDD=5 V
VIC=2.5 V
VDD=3 V
VIC=1.5 V
Figure 13
0
10
20
30
40
50
60
70
80
EQUIVALENT NOISE VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1k
10k
100k
10
100
VDD=3 & 5 V
AV= 10
VIN= VDD/2
TA=25°C
Figure 14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1M
10k
100k
VO(PP)=5 V
VO(PP)=3 V
THD+N
≤ 2.0%
RL=10 kΩ
TA=25°C
Figure 15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
f - Frequency - Hz
1M
10k
100k
VO(PP)=3 V
VO(PP)=5 V
THD+N
≤ 2.0%
RL=600 Ω
TA=25°C
Figure 16
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency - Hz
100
1k
10k
100k
20
0
-40
-20
60
40
80
100
- 135
- 180
- 270
- 225
-45
-90
0
45
1M
10M
100M
VDD=±3
RL=600 Ω
CL=0
TA=25°C
Figure 17
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
Frequency - Hz
100
1k
10k
100k
20
0
-40
-20
60
40
80
100
- 135
- 180
- 270
- 225
-45
-90
0
45
1M
10M
100M
VDD=±5
RL=600 Ω
CL=0
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com