Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5402 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments TMS320VC5402 Datasheet HTML 39Page - Texas Instruments TMS320VC5402 Datasheet HTML 40Page - Texas Instruments TMS320VC5402 Datasheet HTML 41Page - Texas Instruments TMS320VC5402 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multiply-by-N clock option
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a factor of N to generate
the internal machine cycle. The selection of the clock mode and the value of N is described in the clock generator
section.
When an external clock source is used, the external frequency injected must conform to specifications listed
in the timing requirements table.
NOTE:All revisions of the ’5402 can be operated with an external clock source, provided that the proper
voltage levels be driven on the X2/CLKIN pin. It should be noted that the X2/CLKIN pin is referenced to
the device 1.8V power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to the recommended
operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.
timing requirements (see Figure 12)†
MIN
MAX
UNIT
Integer PLL multiplier N (N = 1–15)
20‡
200
tc(CI)
Cycle time, X2/CLKIN
PLL multiplier N = x.5
20‡
100
ns
tc(CI)
Cycle time, X2/CLKIN
PLL multiplier N = x.25, x.75
20‡
50
ns
tf(CI)
Fall time, X2/CLKIN
8
ns
tr(CI)
Rise time, X2/CLKIN
8
ns
† N = Multiplication factor
‡ The multiplication factor and minimum X2/CLKIN cycle time should be chosen such that the resulting CLKOUT cycle time is within the specified
range (tc(CO))
switching
characteristics
over
recommended
operating
conditions
[H
=
0.5tc(CO)]
(see Figure 10 and Figure 12)
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
10
tc(CI)/N†
ns
td(CI-CO)
Delay time, X2/CLKIN high/low to CLKOUT high/low
4
10
17
ns
tf(CO)
Fall time, CLKOUT
2
ns
tr(CO)
Rise time, CLKOUT
2
ns
tw(COL)
Pulse duration, CLKOUT low
H–2
H
ns
tw(COH)
Pulse duration, CLKOUT high
H–2
H
ns
tp
Transitory phase, PLL lock up time
30
ms
† N = Multiplication factor
tc(CO)
tc(CI)
tw(COH)
tf(CO)
tr(CO)
tf(CI)
X2/CLKIN
CLKOUT
td(CI-CO)
tw(COL)
tr(CI)
tp
Unstable
Figure 12. External Multiply-by-One Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com