Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5402 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 39Page - Texas Instruments TMS320VC5402 Datasheet HTML 40Page - Texas Instruments TMS320VC5402 Datasheet HTML 41Page - Texas Instruments TMS320VC5402 Datasheet HTML 42Page - Texas Instruments TMS320VC5402 Datasheet HTML 43Page - Texas Instruments TMS320VC5402 Datasheet HTML 44Page - Texas Instruments TMS320VC5402 Datasheet HTML 45Page - Texas Instruments TMS320VC5402 Datasheet HTML 46Page - Texas Instruments TMS320VC5402 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
timing requirements for a
parallel I/O port read (IOSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 15)
MIN
MAX
UNIT
ta(A)IO
Access time, read data access from address valid
3H–7
ns
ta(ISTRBL)IO
Access time, read data access from IOSTRB low
2H–7
ns
tsu(D)IOR
Setup time, read data before CLKOUT high
6
ns
th(D)IOR
Hold time, read data after CLKOUT high
0
ns
th(ISTRBH-D)R
Hold time, read data after IOSTRB high
0
ns
† Address and IS timings are included in timings referenced as address.
switching characteristics over recommended operating conditions for a
parallel I/O port read
(IOSTRB = 0)† (see Figure 15)
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, CLKOUT low to address valid
–2
3
ns
td(CLKH-ISTRBL)
Delay time, CLKOUT high to IOSTRB low
–2
3
ns
td(CLKH-ISTRBH)
Delay time, CLKOUT high to IOSTRB high
–2
3
ns
th(A)IOR
Hold time, address after CLKOUT low
0
3
ns
† Address and IS timings are included in timings referenced as address.
IS
R/W
IOSTRB
D[15:0]
A[19:0]
CLKOUT
th(A)IOR
td(CLKH-ISTRBH)
th(D)IOR
tsu(D)IOR
ta(A)IO
td(CLKH-ISTRBL)
td(CLKL-A)
ta(ISTRBL)IO
th(ISTRBH-D)R
NOTE A: A[19:16] are always driven low during accesses to I/O space.
Figure 15. Parallel I/O Port Read (IOSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com