Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5402 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 7Page - Texas Instruments TMS320VC5402 Datasheet HTML 8Page - Texas Instruments TMS320VC5402 Datasheet HTML 9Page - Texas Instruments TMS320VC5402 Datasheet HTML 10Page - Texas Instruments TMS320VC5402 Datasheet HTML 11Page - Texas Instruments TMS320VC5402 Datasheet HTML 12Page - Texas Instruments TMS320VC5402 Datasheet HTML 13Page - Texas Instruments TMS320VC5402 Datasheet HTML 14Page - Texas Instruments TMS320VC5402 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
NAME
DESCRIPTION
TYPE†
TERMINAL
NAME
DESCRIPTION
TYPE†
TEST PINS (CONTINUED)
EMU0
I/O/Z
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When TRST
is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as input/output by
way of the IEEE standard 1149.1 scan system.
EMU1/OFF
I/O/Z
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to or from the
emulator system and is defined as input/output by way of the IEEE standard 1149.1 scan system. When TRST
is driven low, EMU1/OFF is configured as OFF. The EMU1/OFF signal, when active low, puts all output drivers
into the high-impedance state. Note that OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications). The OFF feature is selected by the following pin combinations:
TRST = low
EMU0 = high
EMU1/OFF = low
† I = input, O = output, Z = high impedance, S = supply
‡ All revisions of the ’5402 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN
pin. It should be noted that the X2/CLKIN pin is referenced to the device 1.8V power supply (CVDD), rather than the 3V I/O supply (DVDD).
Refer to the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com