Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370CX32 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370CX32
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370CX32 Datasheet(HTML) 4 Page - Texas Instruments

  TMS370CX32 Datasheet HTML 1Page - Texas Instruments TMS370CX32 Datasheet HTML 2Page - Texas Instruments TMS370CX32 Datasheet HTML 3Page - Texas Instruments TMS370CX32 Datasheet HTML 4Page - Texas Instruments TMS370CX32 Datasheet HTML 5Page - Texas Instruments TMS370CX32 Datasheet HTML 6Page - Texas Instruments TMS370CX32 Datasheet HTML 7Page - Texas Instruments TMS370CX32 Datasheet HTML 8Page - Texas Instruments TMS370CX32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370Cx32 devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY
(BYTES)
DATA MEMORY
(BYTES)
44 PIN PACKAGES
ROM
EPROM
RAM
EEPROM
TMS370C032A
8K
—
256
256
FN – PLCC
TMS370C332A
8k
—
256
—
FN – PLCC
TMS370C732A
—
8K
256
256
FN – PLCC
SE370C732A†
—
8K
256
256
FZ – CLCC
† System evaluators and development are for use only in prototype environment, and their reliability has not been characterized.
The suffix letter (A) appended to the device names shown in the device column of Table 1 indicates the
configuration of the device. ROM or EPROM devices have different configurations as indicated in Table 2. ROM
devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE‡
CLOCK
LOW-POWER MODE
EPROM A
Divide-by-4 (Standard oscillator)
Enabled
ROM A
Divide by 4 or Divide by 1 (PLL)
Enabled or disabled
ROM A
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
‡ Refer to the “device numbering conventions” section for device nomenclature and to the “device part numbers” section for ordering.
The 8K bytes of mask-programmable ROM in the associated TMS370Cx32 devices are replaced in the
TMS370C732A with 8K bytes of EPROM. All other available memory and on-chip peripherals are identical
except for the TMS370C332A which does not have EEPROM memory. The OTP (TMS370C732A) and
reprogrammable (SE370C732A) devices are available.
The TMS370C732A OTP device is available in a plastic package. This microcontroller is effective to use for
immediate production updates for other members of the TMS370Cx32 family or for low-volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C732A has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development / prototyping phase of design. The SE370C732A device allows quick updates to
breadboards and prototype systems while iterating initial designs.
The TMS370Cx32 family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all CPU activity (that is, no instructions are executed). In
the STANDBY mode, the internal oscillator, the PACT counter, and PACT’s first command / definition entry
remain active. This allows the PACT module to bring the device out of STANDBY mode. In the HALT mode, all
device activity is stopped. The device retains all RAM data and peripheral configuration bits throughout both
low-power modes.
The TMS370Cx32 features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370Cx32 family is fully
instruction-set-compatible, providing easy transition between members of the TMS370 8-bit microcontroller
family.
The TMS370Cx32 has a PACT module that acts as a timer coprocessor by gathering timing information on input
signals and controlling output signals with little or no intervention by the CPU. The coprocessor nature of this
module allows for levels of flexibility and power not found in traditional microcontroller timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com