Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370CX32 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS370CX32
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370CX32 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS370CX32 Datasheet HTML 29Page - Texas Instruments TMS370CX32 Datasheet HTML 30Page - Texas Instruments TMS370CX32 Datasheet HTML 31Page - Texas Instruments TMS370CX32 Datasheet HTML 32Page - Texas Instruments TMS370CX32 Datasheet HTML 33Page - Texas Instruments TMS370CX32 Datasheet HTML 34Page - Texas Instruments TMS370CX32 Datasheet HTML 35Page - Texas Instruments TMS370CX32 Datasheet HTML 36Page - Texas Instruments TMS370CX32 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range,VCC1 (see Note 3)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, All pins except MC
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current per buffer, IO (VO = 0 to VCC1) (see Note 4)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Maximum ICC current
170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ISS current
– 170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA: L version
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A version
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
T version
– 40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. Unless otherwise noted, all voltage values are with respect to VSS1.
4. Electrical characteristics are specified with all output buffers loaded with specified IO current. Exceeding the specified IO current in
any buffer can affect the levels on other buffers.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC1
Supply voltage (see Note 3)
4.5
5
5.5
V
VCC1
RAM data retention supply voltage (see Note 5)
3
5.5
V
VCC3 Analog supply voltage (see Note 3)
4.5
5
5.5
V
VSS3
Analog supply ground
– 0.3
0
0.3
V
VIL
Low level input voltage
All pins except MC
VSS1
0.8
V
VIL
Low-level input voltage
MC, normal operation
VSS1
0.3
V
V
Hi h l
l i
t
lt
All pins except MC, XTAL2 / CLKIN, and
RESET
2
VCC1
V
VIH
High-level input voltage
XTAL2 / CLKIN
0.8 VCC1
VCC1
V
RESET
0.7 VCC1
VCC1
EEPROM write protect override (WPO)
11.7
12
13
VMC
MC (mode control) voltage
EPROM programming voltage (VPP)
13
13.2
13.5
V
Microcomputer
VSS1
0.3
L version
0
70
TA
Operating free-air temperature
A version
– 40
85
°C
T version
– 40
105
NOTES:
3. Unless otherwise noted, all voltage values are with respect to VSS1.
5. RESET must be externally activated when VCC1 or SYSCLK is not within the recommended operating range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com