Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2465CPWRG4
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2465CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 11Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 12Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
9
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
500
2000
VIO
Input offset voltage
VDD = 5 V,
Full range
2200
V
VIO
Input offset voltage
VDD = 5 V,
VIC = 2.5,
TLV246xA
25
°C
500
1500
µV
VIC = 2.5,
VO = 2.5 V,
RS = 50 Ω
TLV246xA
Full range
1700
VIO
Temperature coefficient of input off-
O
RS = 50 Ω
25
°C
2
V/
°C
αVIO
Temperature coefficient of input off-
set voltage
25
°C
2
µV/°C
25
°C
0.3
7
IIO
Input offset current
VDD = 5 V,
TLV246xC
Full range
15
nA
IIO
Input offset current
VDD = 5 V,
VIC = 2.5 V,
TLV246xI/Q/M
Full range
60
nA
VIC = 2.5 V,
VO = 2.5 V,
R
= 50
25
°C
1.3
14
IIB
Input bias current
VO = 2.5 V,
RS = 50 Ω
TLV246xC
Full range
30
nA
IIB
Input bias current
TLV246xI/Q/M
Full range
60
nA
IOH = − 2.5 mA
25
°C
4.9
VOH
High-level output voltage
IOH = − 2.5 mA
Full range
4.8
V
VOH
High-level output voltage
IOH = − 10 mA
25
°C
4.8
V
IOH = − 10 mA
Full range
4.7
VIC = 2.5 V,
IOL = 2.5 mA
25
°C
0.1
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 2.5 mA
Full range
0.2
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 10 mA
25
°C
0.2
V
VIC = 2.5 V,
IOL = 10 mA
Full range
0.3
Sourcing
25
°C
145
IOS
Short-circuit output current
Sourcing
Full range
60
mA
IOS
Short-circuit output current
Sinking
25
°C
100
mA
Sinking
Full range
60
IO
Output current
Measured at 1 V from rail
25
°C
±80
mA
AVD
Large-signal differential voltage
VIC = 2.5 V,
RL = 10 kΩ,
25
°C
92
109
dB
AVD
Large-signal differential voltage
amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kΩ,
Full range
90
dB
ri(d)
Differential input resistance
25
°C
109
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
7
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
29
Ω
VICR = 0 V to 5 V,
25
°C
71
85
CMRR
Common-mode rejection ratio
VICR = 0 V to 5 V,
RS = 50 Ω
TLV246xC
Full range
69
dB
CMRR
Common-mode rejection ratio
RS = 50 Ω
TLV246xI/Q/M
Full range
60
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
80
85
dB
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
75
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
85
95
dB
( VDD / VIO)
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
80
dB
IDD
Supply current (per channel)
VO = 2.5 V,
No load,
25
°C
0.55
0.65
mA
IDD
Supply current (per channel)
VO = 2.5 V,
No load,
Full range
1
mA
IDD(SHDN)
Supply current in shutdown
SHDN < 0.7 V, Per channels in
25
°C
1
A
IDD(SHDN)
Supply current in shutdown
(TLV2460, TLV2463, TLV2465)
SHDN < 0.7 V, Per channels in
shutdown
Full range
3
µA
† Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com