Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2465CPWRG4
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2465CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 9Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 10Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 11Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 12Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 13Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 14Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
11
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
IIB
Input bias current
vs Free-air temperature
3, 4
IIO
Input offset current
vs Free-air temperature
3, 4
VOH
High-level output voltage
vs High-level output current
5, 6
VOL
Low-level output voltage
vs Low-level output current
7, 8
VO(PP)
Peak-to-peak output voltage
vs Frequency
9, 10
Open-loop gain
vs Frequency
11, 12
Phase
vs Frequency
11, 12
AVD
Differential voltage amplification
vs Load resistance
13
Capacitive load
vs Load resistance
14
Zo
Output impedance
vs Frequency
15, 16
CMRR
Common-mode rejection ratio
vs Frequency
17
kSVR
Supply-voltage rejection ratio
vs Frequency
18, 19
IDD
Supply current
vs Supply voltage
20
IDD
Supply current
vs Free-air temperature
21
Amplifier turnon characteristics
22
Amplifier turnoff characteristics
23
Supply current turnon
24
Supply current turnoff
25
Shutdown supply current
vs Free-air temperature
26
SR
Slew rate
vs Supply voltage
27
Vn
Equivalent input noise voltage
vs Frequency
28, 29
Vn
Equivalent input noise voltage
vs Common-mode input voltage
30, 31
THD
Total harmonic distortion
vs Frequency
32, 33
THD+N
Total harmonic distortion plus noise
vs Peak-to-peak signal amplitude
34, 35
vs Frequency
11, 12
φm
Phase margin
vs Load capacitance
36
φm
Phase margin
vs Free-air temperature
37
Gain bandwidth product
vs Supply voltage
38
Gain bandwidth product
vs Free-air temperature
39
Large signal follower
40, 41
Small signal follower
42, 43
Inverting large signal
44, 45
Inverting small signal
46, 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com