Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2465CPWRG4
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2465CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
2
WWW.TI.COM
TLV2460C/I/AI and TLV2461C/I/AI AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
SOT-23†
(DBV)
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
2000
µV
TLV2460CD
TLV2461CD
TLV2460CDBV
TLV2461CDBV
VAOC
VAPC
TLV2460CP
TLV2461CP
−40
°C to 125°C
2000
µV
TLV2460ID
TLV2461ID
TLV2460IDBV
TLV2461IDBV
VAOI
VAPI
TLV2460IP
TLV2461IP
−40
°C to 125°C
1500
µV
TLV2460AID
TLV2461AID
—
—
—
—
TLV2460AIP
TLV2461AIP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2460CDR).
‡ Chip forms are tested at TA = 25°C only.
TLV2460M/AM/Q/AQ and TLV2461M/AM/Q/AQ AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
SMALL
OUTLINE†
(PW)
CERAMIC DIP
(JG)
CERAMIC
FLATPACK
(U)
CHIP CARRIER
(FK)
−40
°C to 125°C
2000
µV
TLV2460QD
TLV2461QD
TLV2460QPW
TLV2461QPW
—
—
—
—
—
—
−40
°C to 125°C
1500
µV
TLV2460AQD
TLV2461AQD
TLV2460AQPW
TLV2461AQPW
—
—
—
—
—
—
−55
°C to 125°C
2000
µV
—
—
—
—
TLV2460MJG
TLV2461MJG
TLV2460MU
TLV2461MU
TLV2460MFK
TLV2461MFK
−55
°C to 125°C
1500
µV
—
—
—
—
TLV2460AMJG
TLV2461AMJG
TLV2460AMU
TLV2461AMU
TLV2460AMFK
TLV2461AMFK
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2460QDR).
TLV2462C/I/AI and TLV2463C/I/AI AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
MSOP
(DGK)
SYMBOL
MSOP†
(DGS)
SYMBOL
PLASTIC DIP
(N)
PLASTIC DIP
(P)
0
°C to 70°C
2000
µV
TLV2462CD
TLV2463CD
TLV2462CDGK
—
xxTIAAI
—
TLV2463CDGS
—
xxTIAAK
—
TLV2463CN
TLV2462CP
—
−40
°C to
2000
µV
TLV2462ID
TLV2463ID
TLV2462IDGK
—
xxTIAAJ
—
TLV2463IDGS
—
xxTIAAL
—
TLV2463IN
TLV2462IP
—
−40 C to
125
°C
1500
µV
TLV2462AID
TLV2463AID
—
—
—
—
—
—
—
—
—
TLV2463AIN
TLV2462AIP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2462CDR).
‡ Chip forms are tested at TA = 25°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com