Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV2465CPWRG4
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2465CPWRG4 Datasheet HTML 14Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 15Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 16Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 17Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 18Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 19Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 20Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 21Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
18
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 22
t − Time −
µs
AMPLIFIER WITH A SHUTDOWN PULSE
TURNON CHARACTERISTICS
2
0
2
0
−3
1
1
3
1
−1
3
9
5
−5
57
3
11
4
VDD = 5 V
RL = 10 kΩ
AV = 1
TA = 25°C
Shutdown Pin
Amplifier Output
Figure 23
t − Time −
µs
AMPLIFIER WITH A SHUTDOWN PULSE
TURNOFF CHARACTERISTICS
2
0
2
0
−3
1
1
3
1
−1
3
5
−5
57
3
4
VDD = 5 V
RL = 10 kΩ
AV = 1
TA = 25°C
Shutdown Pin
Amplifier Output
VDD = 5 V
VI = 2.5 V
AV = 1
TA = 25°C
0.4
−0.2
0.2
0
−0.4
−0.2
0
0.6
t − Time −
µs
0.4
0.2
SUPPLY CURRENT WITH A SHUTDOWN PULSE
TURNON CHARACTERISTICS
0.8
1
0.6
Supply Current
Shutdown Pin
4.5
5.5
2.5
3.5
0.5
1.5
−0.5
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com