Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01A Datasheet(PDF) 37 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 37 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments TSB12C01A Datasheet HTML 35Page - Texas Instruments TSB12C01A Datasheet HTML 36Page - Texas Instruments TSB12C01A Datasheet HTML 37Page - Texas Instruments TSB12C01A Datasheet HTML 38Page - Texas Instruments TSB12C01A Datasheet HTML 39Page - Texas Instruments TSB12C01A Datasheet HTML 40Page - Texas Instruments TSB12C01A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
4–7
4.5
CycleMark
The format of the CycleMark data is shown in Figure 4–8. The receiver module inserts a single quadlet to
mark the end of an isochronous cycle. The quadlet is inserted into the receive-FIFO.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
CyDne
Figure 4–8. CycleMark Format
Table 4–8. CycleMark Functions
FIELD NAME
DESCRIPTION
CyDne
This field indicates the end of an isochronous cycle.
4.6
Phy Configuration
The format of the phy configuration packet is shown in Figure 4–9. The phy configuration packet transmit
contains two quadlets, which are loaded into the ATF. The first quadlet is written to address 80h. The second
quadlet is written to address 8Ch. The 00E0h in the first quadlet tells the TSB12C01A that this is the phy
configuration packet. The Eh is then replaced with 0h before the packet is transmitted to the phy interface.
There is a possibility of a false header error on receipt of a phy configuration packet. If the first 16 bits of
a phy configuration packet (see Figure 4–9) happen to match the destination identifier of a node (bus
number and node number), the TSB12C01A on that node issues a header error since the node misinterprets
the phy configuration packet as a data packet addressed to the node. The suggested solution to this
potential problem is to assign bus numbers that all have the MS bit set to 1. Since the all-ones case is
reserved for addressing the local bus, this leaves only 511 available unique bus identifiers. This is an artifact
of the IEEE 1394-1995 standard.
0
1 2 3
4
5 6 7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
logical inverse of first 16 bits of first quadlet
root_ID
gap_cnt
00
RT
11
1
0
00
0
0
0
0
00 00
0
0
11
1
1
11
1
1
1
1
11 11
1
1
Figure 4–9. Phy Configuration Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com