Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01A Datasheet(PDF) 44 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 40Page - Texas Instruments TSB12C01A Datasheet HTML 41Page - Texas Instruments TSB12C01A Datasheet HTML 42Page - Texas Instruments TSB12C01A Datasheet HTML 43Page - Texas Instruments TSB12C01A Datasheet HTML 44Page - Texas Instruments TSB12C01A Datasheet HTML 45Page - Texas Instruments TSB12C01A Datasheet HTML 46Page - Texas Instruments TSB12C01A Datasheet HTML 47Page - Texas Instruments TSB12C01A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
5–4
5.7
Phy-Interface Switching Characteristics Over Operating Free-Air
Temperature Range of 0
°C to 70°C, CL = 45 pF (unless otherwise noted)
(see Note 5)
PARAMETER
MIN
MAX
UNIT
td5
Delay time, SCLK
↑ to D0 – D7 valid (see Figure 6–5)
3
14
ns
td6
Delay time, SCLK
↑ to D0 – D7↑↓ (see Figure 6–5)
3
14
ns
td7
Delay time, SCLK
↑ to D0 – D7 invalid (see Figure 6–5)
3
14
ns
td8
Delay time, SCLK
↑ to CTL0 – CTL1 valid (see Figure 6–5)
3
14
ns
td9
Delay time, SCLK
↑ to CTL0 – CTL1↑↓ (see Figure 6–5)
3
14
ns
td10
Delay time, SCLK
↑ to CTL0 – CTL1 invalid (see Figure 6–5)
3
14
ns
td11
Delay time, SCLK
↑ to LREQ↑↓ (see Figure 6–7)
3
14
ns
NOTE 5: These parameters are not production tested.
5.8
Miscellaneous Timing Requirements Over Operating Free-Air
Temperature Range of 0
°C to 70°C (see Figure 6–9 and Note 5)
PARAMETER
MIN
MAX
UNIT
tc3
Cycle time, CYCLEIN
124.99
125.01
µs
tw3(H)
Pulse duration, CYCLEIN
↑
62
µs
tw3(L)
Pulse duration, CYCLEIN
↓
62
µs
NOTE 5: These parameters are not production tested.
5.9
Miscellaneous Signal Switching Characteristics Over Operating Free-Air
Temperature Range of 0
°C to 70°C (see Note 5)
PARAMETER
MIN
MAX
UNIT
td12
Delay time, SCLK
↑ to INT↓ (see Figure 6–8)
4
18
ns
td13
Delay time, SCLK
↑ to INT↑ (see Figure 6–8)
4
18
ns
td14
Delay time, SCLK
↑ to CYCLEOUT↑ (see Figure 6–10)
4
16
ns
td15
Delay time, SCLK
↑ to CYCLEOUT↓ (see Figure 6–10)
4
16
ns
NOTE 5: These parameters are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com