| Electronic Components Datasheet Search |
|
TSB12C01A Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB12C01A Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 59 page ![]() 4–4 responses. For block read requests and block write responses, the data field is omitted. The last quadlet contains packet-reception status. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 spd tLabel rt tCode priority sourceID destinationOffsetHigh destinationOffsetLow block data (if any) ackSent destinationID dataLength extended_tCode Figure 4–4. Block-Receive Format Table 4–4. Block-Receive Format Functions FIELD NAME DESCRIPTION destinationID This is the concatenation of the 10-bit bus number and the 6-bit node number that forms the node address to which this packet is being sent. tLabel This field is the transaction label, which is a unique tag for each outstanding transaction between two nodes. This is used to pair up a response packet with its corresponding request packet. rt The retry code for this packet is 00 = new, 01 = retry_X, 10 = retryA, and 11 = retryB. tCode tCode is the transaction code for this packet. (See Table 6–10 of the IEEE 1394-1995 standard). priority This field contains the priority level for this packet. For cable implementation, the value of the bits must be zero. For backplane implementation, see clause 5.4.1.3 and 5.4.2.1 of the IEEE 1394-1995 standard. sourceID This is the node ID of the sender of this packet. destination OffsetHigh, destination OffsetLow The concatenation of these two fields addresses a quadlet in the destination node’s address space. This address must be quadlet aligned (modulo 4). The upper four bits of the destination OffsetHigh field are used as the response code for lock-response packets and the remaining bits are reserved. dataLength For write request, read responses, and locks, this field indicates the number of bytes being transferred. For read requests, this field indicates the number of bytes of data to be read. A write-response packet does not use this field. Note that the number of bytes does not include the head, only the bytes of block data. extended_tCode The block extended_tCode to be performed on the data in this packet. See Table 6–11 of the IEEE 1394-1995 standard. block data This field contains any data being transferred for this packet. Regardless of the destination address or memory alignment, the first byte of the data appears in byte 0 of the first quadlet of this field. The last quadlet of this field is padded with zeros out to four bytes, if necessary. spd This field indicates the speed at which this packet was sent. 00 = 100 Mb/s, 01 = 200 Mb/s, 10 = 400 Mb/s, and 11 is undefined for this implementation. ackSent This field holds the acknowledge sent by the receiver for this packet. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |