Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01A Datasheet(PDF) 41 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 37Page - Texas Instruments TSB12C01A Datasheet HTML 38Page - Texas Instruments TSB12C01A Datasheet HTML 39Page - Texas Instruments TSB12C01A Datasheet HTML 40Page - Texas Instruments TSB12C01A Datasheet HTML 41Page - Texas Instruments TSB12C01A Datasheet HTML 42Page - Texas Instruments TSB12C01A Datasheet HTML 43Page - Texas Instruments TSB12C01A Datasheet HTML 44Page - Texas Instruments TSB12C01A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
5–1
5 Electrical Characteristics
5.1
Absolute Maximum Ratings Over Free-Air Temperature Range (Unless
Otherwise Noted)†
Supply voltage range, VCC (see Note 1)
– 0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, at any input, VI
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Maximum Dissipation Rating Table
. . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 3)
±20 mA
. . . . . . . . . . . . . .
Operating free-air temperature range, TA: A suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . .
AI suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . .
AM suffix
– 55
°C to 125°C
. . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. This applies to all inputs.
3. This applies to all outputs.
MAXIMUM DISSIPATION RATING TABLE‡
PACKAGE
TA ≤ 25°C
DERATING
FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
FACTOR
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
A
POWER RATING
PZ
WN
2119 mW
2404 mW
16.9 mW/
°C
19.2 mW/
°C
1356 mW
1538 mW
1102 mW
1250 mW
—
481 mW
‡ Power dissipation of package based on an absolute maximum junction temperature of 150
°C.
PACKAGE THERMAL CHARACTERISTICS§
PARAMETER
TEST
PZ PACKAGE
WN PACKAGE
UNIT
PARAMETER
TEST
CONDITIONS
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
R
θJA
Junction-to-ambient thermal
impedance
Board mounted,
No air flow
59
52
°C/W
R
θJC
Junction-to-case thermal
impedance
13
8
°C/W
§ Thermal characteristics very depending on die and leadframe pad size as well as mold compound. These values
represent typical die and pad sizes for the respective packages. The R value decreases as the die or pad sizes
increases. Thermal values represent PWB bands with minimal amounts of metal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com