Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 2Page - Texas Instruments THS6214IPWPR Datasheet HTML 3Page - Texas Instruments THS6214IPWPR Datasheet HTML 4Page - Texas Instruments THS6214IPWPR Datasheet HTML 5Page - Texas Instruments THS6214IPWPR Datasheet HTML 6Page - Texas Instruments THS6214IPWPR Datasheet HTML 7Page - Texas Instruments THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments THS6214IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±12V (continued)
At TA = +25°C, GDIFF = +10V/V with RL = 100Ω differential load, RADJ = 0Ω, active impedance circuit configuration, and full
bias, unless otherwise noted. Each port is independently tested. Boldface values are 100% tested at +25°C.
THS6214IRHF, IPWP
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
LOGIC
Bias control pin logic threshold
Logic 1, with respect to GND(3), TA = –40°C to +85°C
1.9
V
B
Logic 0, with respect to GND(3), TA = –40°C to +85°C
0.8
V
B
Bias pin quiescent current
Bias-1, Bias-2 = 0.5V (logic 0)
20
30
µA
A
TA = –40°C to +85°C
35
µA
B
Bias-1, Bias-2 = 3.3V (logic 1)
0.3
1
µA
A
TA = –40°C to +85°C
1.2
µA
B
Turn-on time delay (tON)
Time for IS to reach 50% of final value
1
µs
C
Turn-off time delay (tOFF)
Time for IS to reach 50% of final value
1
µs
C
Bias pin input impedance
50
k
Ω
C
Amplifier output impedance
Off bias (Bias-1 = 1, Bias-2 = 1)
10 || 5
k
Ω || pF
C
(3)
The GND pin usable range is from VS– to (VS+ – 5V).
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com