Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IPWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments THS6214IPWPR Datasheet HTML 23Page - Texas Instruments THS6214IPWPR Datasheet HTML 24Page - Texas Instruments THS6214IPWPR Datasheet HTML 25Page - Texas Instruments THS6214IPWPR Datasheet HTML 26Page - Texas Instruments THS6214IPWPR Datasheet HTML 27Page - Texas Instruments THS6214IPWPR Datasheet HTML 28Page - Texas Instruments THS6214IPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DUAL-SUPPLY VDSL DOWNSTREAM
R =
M
ZLINE
2n
2
(3)
LINE DRIVER HEADROOM MODEL
P =10
log
´
L
(1mW)
R
´
L
V
RMS
2
(4)
V
=
RMS
10
P
L
(1mW)
R
10
´
´
L
(5)
R
1.4kW
G
2kW
2kW
0.1 F
m
0.1 F
m
R
10W
S
R
100W
L
Z
LINE
AFE
2V
Max
Assumed
PP
R
2.2kW
F
20W
20W
R
2.2kW
F
1/4
THS6214
1/4
THS6214
+12V
-12V
1:1.1
I =159mA
P
I =159mA
P
R
10W
S
R
2.9kW
P
R
2.9kW
P
V =CrestFactor
V
=CF
V
P
RMS
RMS
´
´
(6)
V
=2
CF
V
´
´
RMS
LPP
(7)
V
=2
CF
LPP
´
´
10
P
L
(1mW)
R
10
´
´
L
(8)
G
=1+
D
2
R
´
F
R
G
(2)
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
The two back-termination resistors (RS = 10Ω each)
added at each terminal of the transformer make the
Figure 82 shows an example of a dual-supply VDSL
impedance of the modem match the impedance of
downstream driver. Both channels of the THS6214
the phone line, and also provide a means of detecting
are configured as a differential gain stage to provide
the received signal for the receiver. The value of
signal drive to the primary winding of the transformer
these resistors (RM) is a function of the line
(in Figure 82, a step-up transformer with a turns ratio
impedance and the transformer turns ratio (n), given
of 1:1.1). The main advantage of this configuration is
by the following equation:
the
cancellation
of
all
even
harmonic-distortion
products. Another important advantage for VDSL is
that each amplifier must only swing half of the total
output required driving the load.
The first step in a transformer-coupled, twisted-pair
driver design is to compute the peak-to-peak output
voltage from the target specifications. This calculation
is done using the following equations:
with:
• P
L = power at the load
• V
RMS = voltage at the load
• R
L = load impedance
These values produce the following:
Figure 82. Dual-Supply VDSL Downstream Driver
with:
• V
P = peak voltage at the load
The analog front-end (AFE) signal is ac-coupled to
• CF = Crest Factor
the driver, and the noninverting input of each
amplifier is biased to the mid-supply voltage (ground
in this case). In addition to providing the proper
with VLPP = peak-to-peak voltage at the load.
biasing to the amplifier, this approach also provides a
high-pass filtering with a corner frequency, set here at
Consolidating Equation 4 through Equation 7 allows
5kHz. Because the signal bandwidth starts at 26kHz,
us to express the required peak-to-peak voltage at
this high-pass filter does not generate any problem
the load as a function of the crest factor, the load
and has the advantage of filtering out unwanted lower
impedance, and the power at the load. Thus:
frequencies.
The input signal is amplified with a gain set by the
following equation:
VLPP is usually computed for a nominal line
impedance and may be taken as a fixed design
target.
With RF = 2.2kΩ and RG = 1.4kΩ, the gain for this
The next step in the design is to compute the
differential amplifier is RP = 2.9kΩ. This gain boosts
individual amplifier output voltage and currents as a
the AFE signal, assumed to be a maximum of 2VPP,
function of peak-to-peak voltage on the line and
to a maximum of 3VPP.
transformer turns ratio.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com