Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IPWPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 24Page - Texas Instruments THS6214IPWPR Datasheet HTML 25Page - Texas Instruments THS6214IPWPR Datasheet HTML 26Page - Texas Instruments THS6214IPWPR Datasheet HTML 27Page - Texas Instruments THS6214IPWPR Datasheet HTML 28Page - Texas Instruments THS6214IPWPR Datasheet HTML 29Page - Texas Instruments THS6214IPWPR Datasheet HTML 30Page - Texas Instruments THS6214IPWPR Datasheet HTML 31Page - Texas Instruments THS6214IPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
DISTORTION PERFORMANCE
DRIVING CAPACITIVE LOADS
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
resistor is shorted to ground. However, shorting the
capacitive loads greater than 2pF can begin to
output
pin
directly
to
the
adjacent
positive
degrade device performance. Long printed-circuit
power-supply pin (24-pin package), in most cases,
board
(PCB)
traces,
unmatched
cables,
and
destroys
the
amplifier.
If
additional
short-circuit
connections to multiple devices can easily cause this
protection is required, a small series resistor may be
value to be exceeded. Always consider this effect
included in the supply lines. Under heavy output
carefully, and add the recommended series resistor
loads, this additional resistor reduces the available
as close as possible to the THS6214 output pin (see
output voltage swing. A 5
Ω series resistor in each
the Board Layout Guidelines section).
power-supply
lead
limits
the
internal
power
dissipation to less than 1W for an output short-circuit,
while decreasing the available output voltage swing
The THS6214 provides good distortion performance
only 0.5V for up to 100mA desired load currents.
into a 100
Ω load on ±12V supplies. Relative to
Always place the 0.1
µF power-supply decoupling
alternative
solutions,
the
amplifier
provides
capacitors after these supply current limiting resistors,
exceptional performance into lighter loads and/or
directly on the supply pins.
operation on a dual ±6V supply. Generally, until the
fundamental signal reaches very high frequency or
power levels, the second harmonic dominates the
One of the most demanding and yet very common
distortion with a negligible third-harmonic component.
load conditions for an op amp is capacitive loading.
Focusing then on the second harmonic, increasing
Often, the capacitive load is the input of an
the load impedance improves distortion directly.
ADC—including additional external capacitance that
Remember that the total load includes the feedback
may be recommended to improve the ADC linearity.
network—in
the
noninverting
configuration
(see
A high-speed, high open-loop gain amplifier such as
Figure 81), this value is the sum of RF + RG, whereas
the THS6214 can be very susceptible to decreased
in the inverting configuration it is just RF. Also,
stability and closed-loop response peaking when a
providing an additional supply decoupling capacitor
capacitive load is placed directly on the output pin.
(0.01
µF) between the supply pins (for bipolar
When the amplifier open-loop output resistance is
operation)
improves
the
second-order
distortion
considered,
this
capacitive
load
introduces
an
slightly (from 3dB to 6dB).
additional pole in the signal path that can decrease
In most op amps, increasing the output voltage swing
the phase margin. Several external solutions to this
directly increases harmonic distortion. The Typical
problem have been suggested.
Characteristics show the second harmonic increasing
When the primary considerations are frequency
at a little less than the expected 2x rate, whereas the
response flatness, pulse response fidelity, and/or
third harmonic increases at a little less than the
distortion, the simplest and most effective solution is
expected 3x rate. Where the test power doubles, the
to isolate the capacitive load from the feedback loop
difference between it and the second harmonic
by inserting a series isolation resistor between the
decreases less than the expected 6dB, whereas the
amplifier output and the capacitive load. This series
difference
between
it
and
the
third
harmonic
resistor does not eliminate the pole from the loop
decreases by less than the expected 12dB. This
response, but shifts it and adds a zero at a higher
difference also shows up in the two-tone, third-order
frequency. The additional zero acts to cancel the
intermodulation spurious (IM3) response curves. The
phase lag from the capacitive load pole, thus
third-order spurious levels are extremely low at
increasing the phase margin and improving stability.
low-output power levels. The output stage continues
The Typical Characteristics show the recommended
to hold them low even as the fundamental power
RS vs Capacitive Load (see Figure 6, Figure 24,
reaches very high levels.
Figure 36, Figure 48, Figure 61, and Figure 73) and
the resulting frequency response at the load. Parasitic
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com