Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6214IPWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 8Page - Texas Instruments THS6214IPWPR Datasheet HTML 9Page - Texas Instruments THS6214IPWPR Datasheet HTML 10Page - Texas Instruments THS6214IPWPR Datasheet HTML 11Page - Texas Instruments THS6214IPWPR Datasheet HTML 12Page - Texas Instruments THS6214IPWPR Datasheet HTML 13Page - Texas Instruments THS6214IPWPR Datasheet HTML 14Page - Texas Instruments THS6214IPWPR Datasheet HTML 15Page - Texas Instruments THS6214IPWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
10
8
6
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
OutputCurrent(mA)
-600
-400
600
50
LoadLine
W
1WInternal
PowerDissipation
-200
0
200
400
100
LoadLine
W
1WInternal
PowerDissipation
Frequency(Hz)
100
10M
Voltageandcurrentnoisecontributingtodifferentialnoise
InvertingCurrentNoise
(17.4pA/
)
ÖHz
VoltageNoise
(2.7nV/
)
ÖHz
1k
10k
100k
1M
NoninvertingCurrentNoise
(1.2pV/
)
ÖHz
1000
100
10
1
25
20
15
10
5
0
R
(k )
W
ADJ
0
1
6
2
3
4
5
+I
Q
-IQ
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100M
100k
1M
10M
+PSRR
-PSRR
140
120
100
80
60
40
20
0
Frequency(Hz)
10k
100k
1G
1M
10M
100M
Gain
Phase
0
45
90
135
180
225
270
315
-
-
-
-
-
-
-
10
1
0.1
0.01
0.001
Frequency(Hz)
100k
100M
1M
10M
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±12V, Full Bias (continued)
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
INPUT VOLTAGE AND
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
CURRENT NOISE DENSITY
Figure 14.
Figure 15.
QUIESCENT CURRENT FOR FULL BIAS SETTING vs RADJ
PSRR vs FREQUENCY
Figure 16.
Figure 17.
OPEN-LOOP GAIN AND PHASE
CLOSED-LOOP OUTPUT IMPEDANCE
Figure 18.
Figure 19.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com