Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3ICD21 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF3ICD21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICD21 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF3ICD21 Datasheet HTML 1Page - NXP Semiconductors MF3ICD21 Datasheet HTML 2Page - NXP Semiconductors MF3ICD21 Datasheet HTML 3Page - NXP Semiconductors MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MF3ICD21_41_81_SDS_2
© NXP B.V. 2009. All rights reserved.
Product short data sheet
Rev. 02 — 6 March 2009
4 of 15
NXP Semiconductors
MF3ICD21, MF3ICD41, MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
6.
Block diagram
7.
Limiting values
[1]
Stresses above one or more of the limiting values may cause permanent damage to the device.
[2]
Exposure to limiting values for extended periods may affect device reliability.
[3]
MIL Standard 883-C method 3015; human body model: C = 100 pF, R = 1.5 k
Ω.
Fig 1.
Block diagram of MF3ICD81, MF3ICD41, MF3ICD21
001aah878
RF
INTERFACE
UART
ISO/IEC
14443A
CRYPTO
CO-PROCESSOR
CPU
CRC
EEPROM
RAM
ROM
TRUE RANDOM
NUMBER
GENERATOR
SECURITY
SENSORS
POWER ON
RESET
VOLTAGE
REGULATOR
CLOCK
INPUT FILTER
RESET
GENERATOR
Table 3.
Limiting values [1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
II
input current
-
30
mA
Ptot/pack
total power dissipation per
package
-
200
mW
Tstg
storage temperature
−55
125
°C
Tamb
ambient temperature
−25
70
°C
VESD
electrostatic discharge voltage
[3] 2-
kV
Ilu
latch-up current
±100
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com