Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF3ICD21 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF3ICD21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICD21 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF3ICD21 Datasheet HTML 1Page - NXP Semiconductors MF3ICD21 Datasheet HTML 2Page - NXP Semiconductors MF3ICD21 Datasheet HTML 3Page - NXP Semiconductors MF3ICD21 Datasheet HTML 4Page - NXP Semiconductors MF3ICD21 Datasheet HTML 5Page - NXP Semiconductors MF3ICD21 Datasheet HTML 6Page - NXP Semiconductors MF3ICD21 Datasheet HTML 7Page - NXP Semiconductors MF3ICD21 Datasheet HTML 8Page - NXP Semiconductors MF3ICD21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
MIFARE DESFire EV1 is ideal for service providers wanting to use multi-application smart
cards in transport schemes, eGovernment or identity applications. It fully complies with
the requirements for fast and highly secure data transmission, flexible memory
organization and interoperability with existing infrastructure.
MIFARE DESFire EV1 is based on open global standards for both air interface and
cryptographic methods. It is compliant to all 4 levels of ISO/IEC 14443A and uses optional
ISO/IEC 7816-4 commands.
Featuring an on-chip backup management system and the mutual three pass
authentication, a MIFARE DESFire EV1 card can hold up to 28 different applications and
32 files per application. The size of each file is defined at the moment of its creation,
making MIFARE DESFire EV1 a truly flexible and convenient product.
Additionally, an automatic anti-tear mechanism is available for all file types, which
guarantees transaction oriented data integrity. With MIFARE DESFire EV1, data transfer
rates up to 848 kbit/s can be achieved, allowing fast data transmission.
The main characteristics of this device are denoted by its name DESFire EV1: DES
indicates the high level of security using a 3DES hardware cryptographic engine for
enciphering transmission data and Fire indicates its outstanding position as a fast,
innovative, reliable and secure IC in the contactless proximity transaction market. Hence,
MIFARE DESFire EV1 brings many benefits to end users. Cardholders can experience
convenient contactless ticketing while also having the possibility to use the same device
for related applications such as payment at vending machines, access control or event
ticketing. In other words, the MIFARE DESFire EV1 silicon solution offers enhanced
consumer-friendly system design, in combination with security and reliability.
MIFARE DESFire EV1 delivers the perfect balance of speed, performance and cost
efficiency. Its open concept allows future seamless integration of other ticketing media
such as smart paper tickets, key fobs, and mobile ticketing based on Near Field
Communication (NFC) technology. It is also fully compatible with the existing MIFARE
reader hardware platform. MIFARE DESFire EV1 is your ticket to contactless systems
worldwide.
MF3ICD21, MF3ICD41,
MF3ICD81
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02 — 6 March 2009
Product short data sheet


Similar Part No. - MF3ICD21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD2101DUD NXP-MF3ICD2101DUD Datasheet
118Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 3.2 - 9 December 2015
MF3ICD2101DUD/05 NXP-MF3ICD2101DUD/05 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF3ICD2101DUD/05 NXP-MF3ICD2101DUD/05 Datasheet
118Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 3.2 - 9 December 2015
MF3ICD2101DUD/05 NXP-MF3ICD2101DUD/05 Datasheet
118Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 3.2 - 9 December 2015
More results

Similar Description - MF3ICD21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com