| Electronic Components Datasheet Search |
|
MF3ICD21 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3ICD21 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 15 page ![]() MF3ICD21_41_81_SDS_2 © NXP B.V. 2009. All rights reserved. Product short data sheet Rev. 02 — 6 March 2009 6 of 15 NXP Semiconductors MF3ICD21, MF3ICD41, MF3ICD81 MIFARE DESFire EV1 contactless multi-application IC If this rollback is necessary, it is done without user interaction before carrying out further commands. To ensure data integrity on application level, a transaction-oriented backup is implemented for all file types with backup. It is possible to mix file types with and without backup within one application. As the commands are the same for MF3ICD81, MF3ICD41 and MF3ICD21, the command details are available in Ref. 1. Only the memory size is different between the three devices. 8.5 Available file types The files within an application can be any of the following types: • Standard data files • Backup data files • Value files with backup • Linear record files with backup • Cyclic record files with backup 8.6 Security The 7 byte UID is fixed, programmed into each device during production. It cannot be altered and ensures the uniqueness of each device. The UID may be used to derive diversified keys for each ticket. Diversified MIFARE DESFire EV1 keys contribute to gain an effective anti-cloning mechanism and increase the security of the original key; see Ref. 6. Prior to data transmission a mutual three pass authentication can be done between MIFARE DESFire EV1 and PCD depending on the configuration employing either 56-bit DES (single DES, DES), 112-bit DES (triple DES, 3DES), 168-bit DES (3 key triple DES, 3K3DES) or AES. During the authentication the level of security of all further commands during the session is set. In addition the communication settings of the file/application result in the following options of secure communication between MIFARE DESFire EV1 and PCD: • Plain data transfer (only possible within the backwards-compatible mode to MF3ICD40) • Plain data transfer with cryptographic checksum (MAC): Authentication with backwards-compatible mode to MF3ICD40: 4 byte MAC, all other authentications based on DES/3DES/AES: 8 byte CMAC • Encrypted data transfer (secured by CRC before encryption): Authentication with backwards-compatible mode to MF3ICD40: A 16-bit CRC is calculated over the stream and attached. The resulting stream is encrypted using the chosen cryptographic method. All other authentications based DES/3DES/AES: A 32-bit CRC is calculated over the stream and attached. The resulting stream is encrypted using the chosen cryptographic method. Find more information on the security concept of the product in Ref. 1. Be aware not all levels of security are recommended. The recommended secure handling of the product can be seen in Ref. 2 and in Ref. 10. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |